Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 151 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 147Page - STMicroelectronics STA381BWS Datasheet HTML 148Page - STMicroelectronics STA381BWS Datasheet HTML 149Page - STMicroelectronics STA381BWS Datasheet HTML 150Page - STMicroelectronics STA381BWS Datasheet HTML 151Page - STMicroelectronics STA381BWS Datasheet HTML 152Page - STMicroelectronics STA381BWS Datasheet HTML 153Page - STMicroelectronics STA381BWS Datasheet HTML 154Page - STMicroelectronics STA381BWS Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 171 page
background image
STA381BWS
Register description: Sound Terminal compatibility
Doc ID 018937 Rev 6
151/171
7.21
Extended coefficient range up to -4...4 (address 0x49, 0x4A)
Biquads from 1 to 7 have in the STA381BWS the possibility to extend the coefficient range
from [-1,1) to [-4..4) which allows the implementation of high-shelf filters that may require a
coefficient dynamic greater in absolute value than 1.
Three ranges are available, [-1;1) [-2;2) [-4;4). By default, the extended range is activated
Each biquad has its independent setting according to the following table.
Table 169.
Coefficients extended range configuration
In this case the user can decide, for each filter stage, the right coefficients range. Note that
for a given biquad, the same range will be applied to the left and right (channel 1 and
channel 2).
Crossover biquad does not have the availability of this feature, maintaining the [-1;1) range
unchanged.
7.22
Miscellaneous registers (address 0x4B, 0x4C)
7.22.1
Rate power-down enable (RPDNEN) bit (address 0x4B, bit D7)
In the STA381BWS, by default, the power-down pin and I2C power-down act on mute
commands to perform the fade-out. This default can be changed so that the fade-out can be
started using master volume. The RPDNEN bit, when set, activates this feature.
D7
D6
D5
D4
D3
D2
D1
D0
CEXT_B4[1]
CEXT_B4[0]
CEXT_B3[1]
CEXT_B3[0]
CEXT_B2[1]
CEXT_B2[0]
CEXT_B1[1]
CEXT_B1[0]
10
10
10
1
0
D7
D6
D5
D4
D3
D2
D1
D0
reserved
reserved
CEXT_B7[1]
CEXT_B7[0]
CEXT_B6[1]
CEXT_B6[0]
CEXT_B51]
CEXT_B5[0]
00
10
10
1
0
CEXT_Bx[1]
CEXT_Bx[0]
Range
00
[-1;1)
01
[-2;2)
10
[-4;4)
1
1
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
RPDNEN
BRIDGOFF
CPWMEN
reserved
01
10
01
0
0
D7
D6
D5
D4
D3
D2
D1
D0
LPDP
LPD
LPDE
PNDLSL[2]
PNDLSL[1]
PNDLSL[0]
reserved
SHEN
01
00
11
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com