Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 153 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 149Page - STMicroelectronics STA381BWS Datasheet HTML 150Page - STMicroelectronics STA381BWS Datasheet HTML 151Page - STMicroelectronics STA381BWS Datasheet HTML 152Page - STMicroelectronics STA381BWS Datasheet HTML 153Page - STMicroelectronics STA381BWS Datasheet HTML 154Page - STMicroelectronics STA381BWS Datasheet HTML 155Page - STMicroelectronics STA381BWS Datasheet HTML 156Page - STMicroelectronics STA381BWS Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 171 page
background image
STA381BWS
Register description: Sound Terminal compatibility
Doc ID 018937 Rev 6
153/171
Figure 43.
Alternate function for INTLINE pin
7.22.5
Power-down delay selector (PNDLSL[2:0]) bits (address 0x4C, bit D4,
D3, D2)
As per Section 7.22.2, the assertion of PWDN activates a counter that, by default, after 13
million clock cycles puts the power bridge in tristate mode, independently from the fade-out
time. Using these registers it is possible to program this counter according to the following
table.
Table 171.
PNDLSL bits configuration
7.22.6
Short-circuit check enable bit (address 0x4C, bit D0)
This bit, when enabled, will activate the short-circuit checks before any power bridge
activation (EAPD bit 0->1). See section 7.20 for more details.
Y
N
‘0 ’
LPD
“is th e device in powerdown?”
0
1
LP D P
0
1
LPD E
Po w er B rid ge Fau lt
IN T L IN E
PNDLSL[2]
PNDLSL[1]
PNDLSL[2]
Fade-out time
00
0
Default time (13M PLL clock cycles)
00
1
Default time divided by 2
01
0
Default time divided by 4
01
1
Default time divided by 8
10
0
Default time divided by 16
10
1
Default time divided by 32
11
0
Default time divided by 64
11
1
Default time divided by 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com