Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS64K Datasheet(PDF) 75 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 75 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 71Page - STMicroelectronics LRIS64K Datasheet HTML 72Page - STMicroelectronics LRIS64K Datasheet HTML 73Page - STMicroelectronics LRIS64K Datasheet HTML 74Page - STMicroelectronics LRIS64K Datasheet HTML 75Page - STMicroelectronics LRIS64K Datasheet HTML 76Page - STMicroelectronics LRIS64K Datasheet HTML 77Page - STMicroelectronics LRIS64K Datasheet HTML 78Page - STMicroelectronics LRIS64K Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
LRIS64K
Commands codes
Doc ID 15336 Rev 11
75/100
24.13
Get Multiple Block Security Status
When receiving the Get Multiple Block Security Status command, the LRIS64K sends back
the sector security status. The blocks are numbered from '00h to '07FFh' in the request and
the value is minus one (–1) in the field. For example, a value of '06' in the “Number of blocks”
field requests to return the security status of 7 blocks.
The Protocol_extention_flag should be set to 1 for the LRIS64K to operate correctly. If the
Protocol_extention_flag is at 0, the LRIS64K answers with an error code.
During the LRIS64K response, if the internal block address counter reaches 07FFh, it rolls
over to 0000h and the Sector Security Status bytes for that location are sent back to the
reader.
Request parameter:
UID (optional)
First block number
Number of blocks
Response parameters:
Sector security status (see Table 65: Sector security status)
Table 63.
Get Multiple Block Security Status request format
Request
SOF
Request
_flags
Get
Multiple
Block
Security
Status
UID(1)
1.
Gray means that the field is optional.
First
block
number
Number
of blocks
CRC16
Request
EOF
8 bits
2Ch
64 bits
16 bits
16 bits
16 bits
Table 64.
Get Multiple Block Security Status response format when Error_flag is
NOT set
Response
SOF
Response_
flags
Sector security
status
CRC16
Response
EOF
8 bits
8 bits(1)
1.
Repeated as needed.
16 bits
Table 65.
Sector security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use. All
at 0
password control
bits
Read / Write
protection bits
0: Current sector not locked
1: Current sector locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com