Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS64K Datasheet(PDF) 10 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 6Page - STMicroelectronics LRIS64K Datasheet HTML 7Page - STMicroelectronics LRIS64K Datasheet HTML 8Page - STMicroelectronics LRIS64K Datasheet HTML 9Page - STMicroelectronics LRIS64K Datasheet HTML 10Page - STMicroelectronics LRIS64K Datasheet HTML 11Page - STMicroelectronics LRIS64K Datasheet HTML 12Page - STMicroelectronics LRIS64K Datasheet HTML 13Page - STMicroelectronics LRIS64K Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
Description
LRIS64K
10/100
Doc ID 15336 Rev 11
1
Description
The LRIS64K is a contactless memory powered by the received carrier electromagnetic
wave, which follows the ISO/IEC 15693 and ISO/IEC 18000-3 mode 1 recommendation for
radio-frequency power and signal interface. It is a 64 Kbit electrically erasable
programmable memory (EEPROM). The memory is organized as 64 sectors divided into 32
blocks of 32 bits.
The LRIS64K is accessed via the 13.56 MHz carrier electromagnetic wave, on which
incoming data are demodulated from the received signal amplitude modulation (ASK:
amplitude shift keying). The received ASK wave is 10% or 100% modulated with a data rate
of 1.6 Kbit/s using the 1/256 pulse coding mode, or a data rate of 26 Kbit/s using the 1/4
pulse coding mode. Outgoing data are generated by the LRIS64K load variation using
Manchester coding with one or two subcarrier frequencies at 423 kHz and 484 kHz. Data
are transferred from the LRIS64K at 6.6 Kbit/s in low data rate mode and 26 Kbit/s in high
data rate mode. The LRIS64K supports the 53 Kbit/s data rate in high data rate mode with a
single subcarrier frequency of 423 kHz.
The LRIS64K also features a unique 32-bit multi-password protection scheme.
Figure 1.
Pad connection
Table 1.
Signal names
Signal name
Function
Direction
AC0
Antenna coil
I/O
AC1
Antenna coil
I/O
AI15689
AC1
AC0
Power
Supply
Regulator
Manchester
Load
Modulator
ASK
Demodulator
64 Kbit
EEPROM
memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com