Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS64K Datasheet(PDF) 19 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 15Page - STMicroelectronics LRIS64K Datasheet HTML 16Page - STMicroelectronics LRIS64K Datasheet HTML 17Page - STMicroelectronics LRIS64K Datasheet HTML 18Page - STMicroelectronics LRIS64K Datasheet HTML 19Page - STMicroelectronics LRIS64K Datasheet HTML 20Page - STMicroelectronics LRIS64K Datasheet HTML 21Page - STMicroelectronics LRIS64K Datasheet HTML 22Page - STMicroelectronics LRIS64K Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
LRIS64K
Commands
Doc ID 15336 Rev 11
19/100
5
Commands
The LRIS64K supports the following commands:
Inventory, used to perform the anticollision sequence.
Stay Quiet, used to put the LRIS64K in quiet mode, where it does not respond to any
inventory command.
Select, used to select the LRIS64K. After this command, the LRIS64K processes all
Read/Write commands with Select_flag set.
Reset To Ready, used to put the LRIS64K in the ready state.
Read Block, used to output the 32 bits of the selected block and its locking status.
Write Block, used to write the 32-bit value in the selected block, provided that it is not
locked.
Read Multiple Blocks, used to read the selected blocks and send back their value.
Write AFI, used to write the 8-bit value in the AFI register.
Lock AFI, used to lock the AFI register.
Write DSFID, used to write the 8-bit value in the DSFID register.
Lock DSFID, used to lock the DSFID register.
Get System Info, used to provide the system information value
Get Multiple Block Security Status, used to send the security status of the selected
block.
Initiate, used to trigger the tag response to the Inventory Initiated sequence.
Inventory Initiated, used to perform the anticollision sequence triggered by the Initiate
command.
Write-sector Password, used to write the 32 bits of the selected password.
Lock-sector Password, used to write the Sector security status bits of the selected
sector.
Present-sector Password, enables the user to present a password to unprotect the
user blocks linked to this password.
Fast Initiate, used to trigger the tag response to the Inventory Initiated sequence.
Fast Inventory Initiated, used to perform the anticollision sequence triggered by the
Initiate command.
Fast Read Single Block, used to output the 32 bits of the selected block and its
locking status.
Fast Read Multiple Blocks, used to read the selected blocks and send back their
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com