Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS64K Datasheet(PDF) 11 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 7Page - STMicroelectronics LRIS64K Datasheet HTML 8Page - STMicroelectronics LRIS64K Datasheet HTML 9Page - STMicroelectronics LRIS64K Datasheet HTML 10Page - STMicroelectronics LRIS64K Datasheet HTML 11Page - STMicroelectronics LRIS64K Datasheet HTML 12Page - STMicroelectronics LRIS64K Datasheet HTML 13Page - STMicroelectronics LRIS64K Datasheet HTML 14Page - STMicroelectronics LRIS64K Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
LRIS64K
User memory organization
Doc ID 15336 Rev 11
11/100
2
User memory organization
The LRIS64K is divided into 64 sectors of 32 blocks of 32 bits as shown in Table 2. Figure 2
shows the memory sector organization. Each sector can be individually read- and/or write-
protected using a specific password command. Read and write operations are possible if
the addressed data are not in a protected sector.
The LRIS64K also has a 64-bit block that is used to store the 64-bit unique identifier (UID).
The UID is compliant with the ISO/IEC 15963 description, and its value is used during the
anticollision sequence (Inventory). This block is not accessible by the user and its value is
written by ST on the production line.
The LRIS64K includes an AFI register that stores the application family identifier, and a
DSFID register that stores the data storage family identifier used in the anticollision
algorithm.
The LRIS64K has three additional 32-bit blocks that store the RF password codes.
Figure 2.
Memory sector organization
Sector details
The LRIS64K user memory is divided into 64 sectors. Each sector contains 1024 bits. The
protection scheme is described in Section 3: System memory area.
A sector provides 32 blocks of 32 bits. Each read and write access are done by block. Read
and write block accesses are controlled by a Sector Security Status byte that defines the
access rights to all the 32 blocks contained in the sector. If the sector is not protected, a
Write command updates the complete 32 bits of the selected block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com