Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS64K Datasheet(PDF) 40 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 36Page - STMicroelectronics LRIS64K Datasheet HTML 37Page - STMicroelectronics LRIS64K Datasheet HTML 38Page - STMicroelectronics LRIS64K Datasheet HTML 39Page - STMicroelectronics LRIS64K Datasheet HTML 40Page - STMicroelectronics LRIS64K Datasheet HTML 41Page - STMicroelectronics LRIS64K Datasheet HTML 42Page - STMicroelectronics LRIS64K Datasheet HTML 43Page - STMicroelectronics LRIS64K Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
LRIS64K states
LRIS64K
40/100
Doc ID 15336 Rev 11
15
LRIS64K states
An LRIS64K can be in one of 4 states:
Power-off
Ready
Quiet
Selected
Transitions between these states are specified in Figure 38: LRIS64K state transition
diagram and Table 16: LRIS64K response depending on Request_flags.
15.1
Power-off state
The LRIS64K is in the Power-off state when it does not receive enough energy from the
VCD.
15.2
Ready state
The LRIS64K is in the Ready state when it receives enough energy from the VCD. When in
the Ready state, the LRIS64K answers any request where the Select_flag is not set.
15.3
Quiet state
When in the Quiet state, the LRIS64K answers any request except for Inventory requests
with the Address_flag set.
15.4
Selected state
In the Selected state, the LRIS64K answers any request in all modes (see Section 16:
Modes):
Request in Select mode with the Select_flag set
Request in Addressed mode if the UID matches
Request in Non-Addressed mode as it is the mode for general requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com