Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS64K Datasheet(PDF) 12 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 8Page - STMicroelectronics LRIS64K Datasheet HTML 9Page - STMicroelectronics LRIS64K Datasheet HTML 10Page - STMicroelectronics LRIS64K Datasheet HTML 11Page - STMicroelectronics LRIS64K Datasheet HTML 12Page - STMicroelectronics LRIS64K Datasheet HTML 13Page - STMicroelectronics LRIS64K Datasheet HTML 14Page - STMicroelectronics LRIS64K Datasheet HTML 15Page - STMicroelectronics LRIS64K Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
User memory organization
LRIS64K
12/100
Doc ID 15336 Rev 11
Table 2.
Sector details
Sector
number
RF block
address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
0
0
user
user
user
user
1
user
user
user
user
2
user
user
user
user
3
user
user
user
user
4
user
user
user
user
5
user
user
user
user
6
user
user
user
user
7
user
user
user
user
8
user
user
user
user
9
user
user
user
user
10
user
user
user
user
11
user
user
user
user
12
user
user
user
user
13
user
user
user
user
14
user
user
user
user
15
user
user
user
user
16
user
user
user
user
17
user
user
user
user
18
user
user
user
user
19
user
user
user
user
20
user
user
user
user
21
user
user
user
user
22
user
user
user
user
23
user
user
user
user
24
user
user
user
user
25
user
user
user
user
26
user
user
user
user
27
user
user
user
user
28
user
user
user
user
29
user
user
user
user
30
user
user
user
user
31
user
user
user
user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com