Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS64K Datasheet(PDF) 99 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 99 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 92Page - STMicroelectronics LRIS64K Datasheet HTML 93Page - STMicroelectronics LRIS64K Datasheet HTML 94Page - STMicroelectronics LRIS64K Datasheet HTML 95Page - STMicroelectronics LRIS64K Datasheet HTML 96Page - STMicroelectronics LRIS64K Datasheet HTML 97Page - STMicroelectronics LRIS64K Datasheet HTML 98Page - STMicroelectronics LRIS64K Datasheet HTML 99Page - STMicroelectronics LRIS64K Datasheet HTML 100Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
LRIS64K
Revision history
Doc ID 15336 Rev 11
99/100
Revision history
Table 100.
Document revision history
Date
Revision
Changes
26-Jan-2009
1
Initial release.
05-Feb-2009
2
TSSOP8 package removed. Wafer silhouette added on page 1.
13-Feb-2009
3
Device programming time corrected.
02-Apr-2009
4
Revision history corrected (revision 3 added).
Figure 2: UFDFPN8 connections corrected.
16-Jul-2009
5
Document status promoted from Target specification to Preliminary
data.
VESD modified in Table 93: Absolute maximum ratings.
17-Sep-2009
6
VESD modified in Table 93: Absolute maximum ratings.
25-Aug-2010
7
Updated Features on page 1.
Removed all references to packages.
Removed Figure 2: UFDFPN8 connections.
Updated Section 4: Initial delivery state on page 18.
Updated Figure 3, Figure 4, Table 94, and Table 95.
Updated storage time (tSTG) in Table 93: Absolute maximum ratings
on page 91.
05-Oct-2010
8
Document classification changed to public.
Updated DSFID value in Section 4: Initial delivery state
08-Nov-2010
9
Updated document status from preliminary status to public.
19-Sep-2011
10
Modified Section 1: Description
Updated disclaimer on last page.
27-Oct-2011
11
Updated footnote (2) of Table 94: RF AC characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com