Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS64K Datasheet(PDF) 15 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 11Page - STMicroelectronics LRIS64K Datasheet HTML 12Page - STMicroelectronics LRIS64K Datasheet HTML 13Page - STMicroelectronics LRIS64K Datasheet HTML 14Page - STMicroelectronics LRIS64K Datasheet HTML 15Page - STMicroelectronics LRIS64K Datasheet HTML 16Page - STMicroelectronics LRIS64K Datasheet HTML 17Page - STMicroelectronics LRIS64K Datasheet HTML 18Page - STMicroelectronics LRIS64K Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
LRIS64K
System memory area
Doc ID 15336 Rev 11
15/100
3
System memory area
3.1
LRIS64K RF block security
The LRIS64K provides a special protection mechanism based on passwords. Each memory
sector of the LRIS64K can be individually protected by one out of three available passwords,
and each sector can also have Read/Write access conditions set.
Each memory sector of the LRIS64K is assigned with a Sector security status byte including
a Sector Lock bit, two Password Control bits and two Read/Write protection bits as shown in
Table 4. Table 3 describes the organization of the Sector security status byte which can be
read using the Read Single Block and Read Multiple Block commands with the Option_flag
set to ‘1’.
On delivery, the default value of the SSS bytes is reset to 00h.
Table 3.
Sector security status byte area
RF address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
0
SSS 3
SSS 2
SSS 1
SSS 0
128
SSS 7
SSS 6
SSS 5
SSS 4
256
SSS 11
SSS 10
SSS 9
SSS 8
384
SSS 15
SSS 14
SSS 13
SSS 12
512
SSS 19
SSS 18
SSS 17
SSS 16
640
SSS 23
SSS 22
SSS 21
SSS 20
768
SSS 27
SSS 26
SSS 25
SSS 24
896
SSS 31
SSS 30
SSS 29
SSS 28
1024
SSS 35
SSS 34
SSS 33
SSS 32
1152
SSS 39
SSS 38
SSS 37
SSS 36
1280
SSS 43
SSS 42
SSS 41
SSS 40
1408
SSS 47
SSS 46
SSS 45
SSS 44
1536
SSS 51
SSS 50
SSS 49
SSS 48
1664
SSS 55
SSS 54
SSS 53
SSS 52
1792
SSS 59
SSS 58
SSS 57
SSS 56
1920
SSS 63
SSS 62
SSS 61
SSS 60
Table 4.
Sector security status byte organization
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
Password Control bits
Read / Write protection
bits
Sector
Lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com