Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS64K Datasheet(PDF) 14 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 10Page - STMicroelectronics LRIS64K Datasheet HTML 11Page - STMicroelectronics LRIS64K Datasheet HTML 12Page - STMicroelectronics LRIS64K Datasheet HTML 13Page - STMicroelectronics LRIS64K Datasheet HTML 14Page - STMicroelectronics LRIS64K Datasheet HTML 15Page - STMicroelectronics LRIS64K Datasheet HTML 16Page - STMicroelectronics LRIS64K Datasheet HTML 17Page - STMicroelectronics LRIS64K Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
User memory organization
LRIS64K
14/100
Doc ID 15336 Rev 11
63 continued
2040
user
user
user
user
2041
user
user
user
user
2042
user
user
user
user
2043
user
user
user
user
2044
user
user
user
user
2045
user
user
user
user
2046
user
user
user
user
2047
user
user
user
user
Table 2.
Sector details (continued)
Sector
number
RF block
address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com