Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 68 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 68 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 64Page - STMicroelectronics M24LR64E-R Datasheet HTML 65Page - STMicroelectronics M24LR64E-R Datasheet HTML 66Page - STMicroelectronics M24LR64E-R Datasheet HTML 67Page - STMicroelectronics M24LR64E-R Datasheet HTML 68Page - STMicroelectronics M24LR64E-R Datasheet HTML 69Page - STMicroelectronics M24LR64E-R Datasheet HTML 70Page - STMicroelectronics M24LR64E-R Datasheet HTML 71Page - STMicroelectronics M24LR64E-R Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 140 page
background image
Request format
M24LR64E-R
68/140
Doc ID 022712 Rev 3
19
Request format
The request consists of:
●
an SOF,
●
flags,
●
a command code,
●
parameters and data,
●
a CRC,
●
an EOF.
19.1
Request flags
In a request, the “flags” field specifies the actions to be performed by the M24LR64E-R and
whether corresponding fields are present or not.
The flags field consists of eight bits. Bit 3 (Inventory_flag) of the request flag defines the
contents of the four MSBs (bits 5 to 8). When bit 3 is reset (0), bits 5 to 8 define the
M24LR64E-R selection criteria. When bit 3 is set (1), bits 5 to 8 define the M24LR64E-R
Inventory parameters.
Table 26.
General request format
S
O
F
Request_flags
Command code
Parameters
Data
CRC
E
O
F
Table 27.
Definition of request flags 1 to 4
Bit No
Flag
Level
Description
Bit 1
Subcarrier_flag(1)
1.
Subcarrier_flag refers to the M24LR64E-R-to-VCD communication.
0
A single subcarrier frequency is used by the
M24LR64E-R
1
Two subcarriers are used by the M24LR64E-R
Bit 2
Data_rate_flag(2)
2.
Data_rate_flag refers to the M24LR64E-R-to-VCD communication.
0
Low data rate is used
1
High data rate is used
Bit 3
Inventory_flag
0
The meaning of flags 5 to 8 is described in Table 28
1
The meaning of flags 5 to 8 is described in Table 29
Bit 4
Protocol_extension_flag(3)
3.
Protocol_extension_flag must be set to 1 for Read Single Block, Read Multiple Block, Fast Read Multiple
Block, Write Single Block, and Get Multiple Block Security Status commands. Get System Info command
supports two options: a standard response format when Protocol_extension_flag is set to 0, and a rich
response when protocol extension is set to 1.
0
No Protocol format extension
1
Protocol format extension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com