Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 29 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 25Page - STMicroelectronics M24LR64E-R Datasheet HTML 26Page - STMicroelectronics M24LR64E-R Datasheet HTML 27Page - STMicroelectronics M24LR64E-R Datasheet HTML 28Page - STMicroelectronics M24LR64E-R Datasheet HTML 29Page - STMicroelectronics M24LR64E-R Datasheet HTML 30Page - STMicroelectronics M24LR64E-R Datasheet HTML 31Page - STMicroelectronics M24LR64E-R Datasheet HTML 32Page - STMicroelectronics M24LR64E-R Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 140 page
background image
M24LR64E-R
System memory area
Doc ID 022712 Rev 3
29/140
●
Vout sink current configuration
The sink current level is chosen by programming EH_cfg1 and EH_cfg0 into the
Configuration byte (see Table 14).
The minimum power level required on AC0-AC1 RF input PAC0-AC1_min, the delivered
voltage Vout, as well as the maximum current consumption Isink_max on the Vout pin
corresponding to the <EH_cfg1,EH_cfg0> bit values are described in Table 126.
●
Energy harvesting enable control
Delivery of Energy harvesting analog output voltage on the Vout pin depends on the value of
the EH_enable bit of the volatile Control register (see Table 15).
–
When set to 1, the EH_enable bit enables the Energy harvesting mode, meaning
that the Vout analog output signal is delivered when the PAC0-AC1_min and Isink_max
conditions corresponding to the chosen sink current configuration bit are met (see
Table 126).
–
When set to 0, the EH_enable bit disables the Energy harvesting mode and the
analog output Vout remains in High-Z state.
●
Energy harvesting default mode control
At power-up, in I²C or RF mode, the EH_enable bit is updated according to the value of the
EH_mode bit stored in the non-volatile Configuration byte (see Table 16). In other words, the
EH_mode bit is used to configure whether the Energy harvesting mode is enabled or not by
default.
Table 14.
Configuration byte
I2C byte address Bit 7 Bit 6 Bit 5 Bit 4
Bit 3
Bit 2
BIT 1
BIT 0
E2=1
2320
X(1)
1.
Bit 7 to bit 4 are don’t care bits.
X(1)
X(1)
X(1)
RF WIP/BUSY
EH_mode EH_cfg1 EH_cfg0
Table 15.
Control register
I2C byte address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
BIT 1
BIT 0
E2=1
2336
0(1)
1.
Bit 7 to bit 1 are read-only bits.
0(1)
0(1)
0(1)
0(1)
0(1)
FIELD_ON(1)
EH_enable
Table 16.
EH_enable bit value after power-up
EH_mode value
EH_enable after power-up
Energy harvesting
after power-up
0
1
enabled
1
0
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com