Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 98 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 98 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 94Page - STMicroelectronics M24LR64E-R Datasheet HTML 95Page - STMicroelectronics M24LR64E-R Datasheet HTML 96Page - STMicroelectronics M24LR64E-R Datasheet HTML 97Page - STMicroelectronics M24LR64E-R Datasheet HTML 98Page - STMicroelectronics M24LR64E-R Datasheet HTML 99Page - STMicroelectronics M24LR64E-R Datasheet HTML 100Page - STMicroelectronics M24LR64E-R Datasheet HTML 101Page - STMicroelectronics M24LR64E-R Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 140 page
background image
Command codes
M24LR64E-R
98/140
Doc ID 022712 Rev 3
Request parameter:
●
Request flags
●
UID (optional)
Response parameters:
●
Information flags set to 0Ch. DSFID, AFI and IC reference fields are present.
●
UID code on 64 bits
●
DSFID value
●
AFI value
●
M24LR64E-R IC reference: the 8 bits are significant.
Response parameters:
●
Information flags set to 0Fh. DSFID, AFI, Memory Size and IC reference fields are
present.
●
UID code on 64 bits
●
DSFID value
●
AFI value
●
Memory size. The M24LR64E-R provides 2048 blocks (07FFh) of 4 bytes (03h)
●
IC reference: the 8 bits are significant.
Table 69.
Get System Info request format
Request
SOF
Request
_flags
Get System
Info
UID(1)
1.
Gray color means that the field is optional.
CRC16
Request
EOF
8 bits
2Bh
64 bits
16 bits
Table 70.
Get System Info response format when Protocol_extension_flag = 0 and
Error_flag is NOT set
Response
SOF
Response
_flags
Information
flags
UID
DSFID
AFI
IC ref.
CRC16
Response
EOF
00h
0Bh
64 bits
8 bits
8 bits
5Eh
16 bits
Table 71.
Get System Info response format when Protocol_extension_flag = 1 and
Error_flag is NOT set
Response
SOF
Response
_flags
Information
flags
UID
DSFID
AFI
Memory
size
IC
ref.
CRC
16
Response
EOF
00h
0Fh
64
bits
8 bits
8 bits 03 07FFh
5Eh
16
bits
Table 72.
Get System Info response format when Error_flag is set
Response
SOF
Response_flags
Error code
CRC16
Response
EOF
01h
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com