Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 31 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 27Page - STMicroelectronics M24LR64E-R Datasheet HTML 28Page - STMicroelectronics M24LR64E-R Datasheet HTML 29Page - STMicroelectronics M24LR64E-R Datasheet HTML 30Page - STMicroelectronics M24LR64E-R Datasheet HTML 31Page - STMicroelectronics M24LR64E-R Datasheet HTML 32Page - STMicroelectronics M24LR64E-R Datasheet HTML 33Page - STMicroelectronics M24LR64E-R Datasheet HTML 34Page - STMicroelectronics M24LR64E-R Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 140 page
background image
M24LR64E-R
System memory area
Doc ID 022712 Rev 3
31/140
power-on, all user memory sectors protected by the I2C_Write_Lock bits can be read but
cannot be modified. To remove the write protection, it is necessary to use the I2C present
password described in Figure 12. When the password is correctly presented — that is, when
all the presented bits correspond to the stored ones — it is also possible to modify the I2C
password using the I2C write password command described in Figure 13.
The next three 32-bit blocks store the three RF passwords. These passwords are neither
read- nor write- accessible in the I2C mode.
The next byte stores the Configuration byte, at I²C location 2320. This Control register is
used to store the three energy harvesting configuration bits and the RF WIP/BUSY
configuration bit.
The next two bytes are used to store the AFI, at I2C location 2322, and the DSFID, at I2C
location 2323. These two values are used during the RF inventory sequence. They are read-
only in the I2C mode.
The next eight bytes, starting from location 2324, store the 64-bit UID programmed by ST on
the production line. Bytes at I2C locations 2332 to 2335 store the IC Ref and the Mem_Size
data used by the RF Get_System_Info command. The UID, Mem_Size and IC ref values are
read-only data.
Table 17.
System parameter sector
I2C byte address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
E2 = 1
2304
I2C password (1)
1.
Delivery state: I2C password = 0000 0000h, RF password = 0000 0000h, Configuration byte = F4h
E2 = 1
2308
RF password 1(1)
E2 = 1
2312
RF password 2(1)
E2 = 1
2316
RF password 3 (1)
E2 = 1
2320
DSFID (FFh)
AFI (00h)
ST reserved
Configuration
byte (F4h)
E2 = 1
2324
UID
UID
UID
UID
E2 = 1
2328
UID (E0h)
UID (02h)
UID
UID
E2 = 1
2332
Mem_Size
(03 07FFh)
IC Ref (5Eh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com