Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 27 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 23Page - STMicroelectronics M24LR64E-R Datasheet HTML 24Page - STMicroelectronics M24LR64E-R Datasheet HTML 25Page - STMicroelectronics M24LR64E-R Datasheet HTML 26Page - STMicroelectronics M24LR64E-R Datasheet HTML 27Page - STMicroelectronics M24LR64E-R Datasheet HTML 28Page - STMicroelectronics M24LR64E-R Datasheet HTML 29Page - STMicroelectronics M24LR64E-R Datasheet HTML 30Page - STMicroelectronics M24LR64E-R Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 140 page
background image
M24LR64E-R
System memory area
Doc ID 022712 Rev 3
27/140
4.2
M24LR64E-R block security in I²C mode (I2C_Write_Lock bit
area)
In the I2C mode only, it is possible to protect individual sectors against Write operations.
This feature is controlled by the I2C_Write_Lock bits stored in the 2 bytes of the
I2C_Write_Lock bit area. I2C_Write_Lock bit area starts from location 8192 (see Table 13).
To access the I2C_Write_Lock bit area, the device select code used for any I2C command
must have the E2 Chip Enable address at 1.
Using these 16 bits, it is possible to write-protect all the 16 sectors of the M24LR64E-R
memory. Each bit controls the I2C write access to a specific sector as shown in Table 13. It
is always possible to unprotect a sector in the I2C mode. When an I2C_Write_Lock bit is
reset to 0, the corresponding sector is unprotected. When the bit is set to 1, the
corresponding sector is write-protected.
In I2C mode, read access to the I2C_Write_Lock bit area is always allowed. Write access
depends on the correct presentation of the I2C password.
On delivery, the default value of the eight bytes of the I2C_Write_Lock bit area is reset to
00h.
m
4.3
Configuration byte and Control register
The M24LR64E-R offers an 8-bit non-volatile Configuration byte located at I²C location 2320
of the system area used to store the RF WIP/BUSY pin and the energy harvesting
configuration (see Table 14).
The M24LR64E-R also offers an 8-bit volatile Control register located at I²C location 2336 of
the system area used to store the energy harvesting enable bit as well as a FIELD_ON bit
indicator (see Table 15).
3
Protection: pswd 1
Read
Write
xxx
0110
1
4
Protection: pswd 1
Read
No Write
xxx
0111
1
Table 12.
M24LR64E-R sector security protection after a valid presentation of
password 1
Sector
address
Sector security status byte
b7b6b5 b4 b3 b2 b1 b0
Table 13.
I2C_Write_Lock bit
I2C byte address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
E2 = 1
2048
sectors 31-24
sectors 23-16
sectors 15-8
sectors 7-0
E2 = 1
2052
sectors 63-56
sectors 55-48
sectors 47-40
sectors 39-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com