Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 32 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 28Page - STMicroelectronics M24LR64E-R Datasheet HTML 29Page - STMicroelectronics M24LR64E-R Datasheet HTML 30Page - STMicroelectronics M24LR64E-R Datasheet HTML 31Page - STMicroelectronics M24LR64E-R Datasheet HTML 32Page - STMicroelectronics M24LR64E-R Datasheet HTML 33Page - STMicroelectronics M24LR64E-R Datasheet HTML 34Page - STMicroelectronics M24LR64E-R Datasheet HTML 35Page - STMicroelectronics M24LR64E-R Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 140 page
background image
I2C device operation
M24LR64E-R
32/140
Doc ID 022712 Rev 3
5
I2C device operation
The device supports the I2C protocol. This is summarized in Figure 4. Any device that sends
data to the bus is defined as a transmitter, and any device that reads data is defined as a
receiver. The device that controls the data transfer is known as the bus master, and the
other as the slave device. A data transfer can only be initiated by the bus master, which also
provides the serial clock for synchronization. The M24LR64E-R device is a slave in all
communications.
5.1
Start condition
Start is identified by a falling edge of serial data (SDA) while the serial clock (SCL) is stable
in the high state. A Start condition must precede any data transfer command. The device
continuously monitors (except during a write cycle) the SDA and the SCL for a Start
condition, and does not respond unless one is given.
5.2
Stop condition
Stop is identified by a rising edge of serial data (SDA) while the serial clock (SCL) is stable
and driven high. A Stop condition terminates communication between the device and the
bus master. A Read command that is followed by NoAck can be followed by a Stop condition
to force the device into the Standby mode. A Stop condition at the end of a Write command
triggers the internal write cycle.
5.3
Acknowledge bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter,
whether a bus master or a slave device, releases the serial data (SDA) after sending eight
bits of data. During the 9th clock pulse period, the receiver pulls the SDA low to acknowledge
the receipt of the eight data bits.
5.4
Data input
During data input, the device samples serial data (SDA) on the rising edge of the serial clock
(SCL). For correct device operation, the SDA must be stable during the rising edge of the
SCL, and the SDA signal must change only when the SCL is driven low.
5.5
I²C timeout
During the execution of an I²C operation, RF communications are not possible.
To prevent RF communication freezing due to inadvertent unterminated instructions sent to
the I²C bus, the M24LR64E-R features a timeout mechanism that automatically resets the
I²C logic block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com