Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 43 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 39Page - STMicroelectronics M24LR64E-R Datasheet HTML 40Page - STMicroelectronics M24LR64E-R Datasheet HTML 41Page - STMicroelectronics M24LR64E-R Datasheet HTML 42Page - STMicroelectronics M24LR64E-R Datasheet HTML 43Page - STMicroelectronics M24LR64E-R Datasheet HTML 44Page - STMicroelectronics M24LR64E-R Datasheet HTML 45Page - STMicroelectronics M24LR64E-R Datasheet HTML 46Page - STMicroelectronics M24LR64E-R Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 140 page
background image
M24LR64E-R
RF device operation
Doc ID 022712 Rev 3
43/140
7.2
Commands
The M24LR64E-R supports the following commands:
●
Inventory, used to perform the anticollision sequence.
●
Stay quiet, used to put the M24LR64E-R in quiet mode, where it does not respond to
any inventory command.
●
Select, used to select the M24LR64E-R. After this command, the M24LR64E-R
processes all Read/Write commands with Select_flag set.
●
Reset to ready, used to put the M24LR64E-R in the ready state.
●
Read block, used to output the 32 bits of the selected block and its locking status.
●
Write block, used to write the 32-bit value in the selected block, provided that it is not
locked.
●
Read multiple blocks, used to read the selected blocks and send back their value.
●
Write AFI, used to write the 8-bit value in the AFI register.
●
Lock AFI, used to lock the AFI register.
●
Write DSFID, used to write the 8-bit value in the DSFID register.
●
Lock DSFID, used to lock the DSFID register.
●
Get system info, used to provide the system information value.
●
Get multiple block security status, used to send the security status of the selected
block.
●
Initiate, used to trigger the tag response to the Inventory initiated sequence.
●
Inventory initiated, used to perform the anticollision sequence triggered by the Initiate
command.
●
Write-sector password, used to write the 32 bits of the selected password.
●
Lock-sector, used to write the sector security status bits of the selected sector.
●
Present-sector password, enables the user to present a password to unprotect the
user blocks linked to this password.
●
Fast initiate, used to trigger the tag response to the Inventory initiated sequence.
●
Fast inventory initiated, used to perform the anticollision sequence triggered by the
Initiate command.
●
Fast read single block, used to output the 32 bits of the selected block and its locking
status.
●
Fast read multiple blocks, used to read the selected blocks and send back their value.
●
ReadCfg, used to read the 8-bit Configuration byte and send back its value.
●
WriteEHCfg, used to write the energy harvesting configuration bits into the
Configuration byte.
●
WriteDOCfg, used to write the RF WIP/BUSY pin configuration bit into the
Configuration byte.
●
SetRstEHEn, used to set or reset the EH_enable bit into the volatile Control register.
●
CheckEHEn, used to send back the value of the volatile Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com