Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 30 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 26Page - STMicroelectronics M24LR64E-R Datasheet HTML 27Page - STMicroelectronics M24LR64E-R Datasheet HTML 28Page - STMicroelectronics M24LR64E-R Datasheet HTML 29Page - STMicroelectronics M24LR64E-R Datasheet HTML 30Page - STMicroelectronics M24LR64E-R Datasheet HTML 31Page - STMicroelectronics M24LR64E-R Datasheet HTML 32Page - STMicroelectronics M24LR64E-R Datasheet HTML 33Page - STMicroelectronics M24LR64E-R Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
System memory area
M24LR64E-R
30/140
Doc ID 022712 Rev 3
4.3.3
FIELD_ON indicator bit
The FIELD_ON indicator bit located as bit 1 of the Control register is a read-only bit used to
indicate when the RF power level delivered to the M24LR64E-R is sufficient to execute RF
commands.
●
When FIELD_ON = 0, the M24LR64E-R is not able to execute any RF commands.
●
When FIELD_ON =1, the M24LR64E-R is able to execute any RF commands.
Note:
During read access to the Control register in RF mode, the FIELD_ON bit is always read
at 1.
4.3.4
Configuration byte access in I²C and RF modes
In I²C mode, read and write accesses to the non-volatile Configuration byte are always
allowed. To access the Configuration byte, the device select code used for any I²C
command must have the E2 Chip enable address at 1.
The dedicated commands to access the Configuration byte in RF mode are:
●
Read configuration byte command (ReadCfg):
–
The ReadCfg command is used to read the eight bits of the Configuration byte.
●
Write energy harvesting configuration command (WriteEHCfg):
–
The WriteEHCfg command is used to write the EH_mode, EH_cfg1 and EH_cfg0
bits into the Configuration byte.
●
Write RF WIP/BUSY pin configuration command (WriteDOCfg):
–
The WriteDOCfg command is used to write the RF WIP/BUSY bit into the
Configuration byte.
After any write access to the Configuration byte, the new configuration is automatically
applied.
4.3.5
Control register access in I²C or RF mode
In I²C mode, read and write accesses to the volatile Control register are always allowed. To
access the Control register, the device select code used for any I²C command must have the
E2 Chip enable address at 1.
The dedicated commands to access the Control register in RF mode are:
●
Check energy harvesting enable bit command (CheckEHEn):
–
The CheckEHEn command is used to read the eight bits of the Control register.
When it is run, the FIELD_ON bit is always read at 1.
●
Set/reset energy harvesting enable bit command (SetRstEHEn):
–
The SetRstEHEn command is used to set or reset the value of the EH_enable bit
into the Control register.
4.4
ISO 15693 system parameters
The M24LR64E-R provides the system area required by the ISO 15693 RF protocol, as
shown in Table 17.
The first 32-bit block starting from I2C address 2304 stores the I2C password. This password
is used to activate/deactivate the write protection of the protected sector in I2C mode. At



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com