Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 100 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 100 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 96Page - STMicroelectronics M24LR64E-R Datasheet HTML 97Page - STMicroelectronics M24LR64E-R Datasheet HTML 98Page - STMicroelectronics M24LR64E-R Datasheet HTML 99Page - STMicroelectronics M24LR64E-R Datasheet HTML 100Page - STMicroelectronics M24LR64E-R Datasheet HTML 101Page - STMicroelectronics M24LR64E-R Datasheet HTML 102Page - STMicroelectronics M24LR64E-R Datasheet HTML 103Page - STMicroelectronics M24LR64E-R Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 140 page
background image
Command codes
M24LR64E-R
100/140
Doc ID 022712 Rev 3
Response parameters:
●
Sector security status (see Table 75)
Response parameter:
●
Error code as Error_flag is set:
–
03h: the option is not supported
–
10h: the specified block is not available
When configured in the RF busy mode, the RF WIP/BUSY pin is tied to 0 from the SOF that
starts the Get Multiple Block Security Status command to the end of the M24LR64E-R
response.
When configured in the RF write in progress mode, the RF WIP/BUSY pin remains in high-Z
state.
Table 74.
Get Multiple Block Security Status response format when Error_flag is
NOT set
Response
SOF
Response_
flags
Sector security
status
CRC16
Response
EOF
8 bits
8 bits(1)
1.
Repeated as needed.
16 bits
Table 75.
Sector security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use
All at 0
Password control
bits
Read / Write
protection bits
0: Current sector not locked
1: Current sector locked
Table 76.
Get Multiple Block Security Status response format when Error_flag is
set
Response
SOF
Response_
flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits
Figure 66.
Get Multiple Block Security Status frame exchange between VCD and
M24LR64E-R
VCD
SOF
Get Multiple Block
Security Status
EOF
M24LR64E-R
<-t1-> SOF
Get Multiple Block
Security Status
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com