Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 102 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 102 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 98Page - STMicroelectronics M24LR64E-R Datasheet HTML 99Page - STMicroelectronics M24LR64E-R Datasheet HTML 100Page - STMicroelectronics M24LR64E-R Datasheet HTML 101Page - STMicroelectronics M24LR64E-R Datasheet HTML 102Page - STMicroelectronics M24LR64E-R Datasheet HTML 103Page - STMicroelectronics M24LR64E-R Datasheet HTML 104Page - STMicroelectronics M24LR64E-R Datasheet HTML 105Page - STMicroelectronics M24LR64E-R Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 140 page
background image
Command codes
M24LR64E-R
102/140
Doc ID 022712 Rev 3
When configured in the RF busy mode, the RF WIP/BUSY pin is tied to 0 from the SOF that
starts the Write-sector Password command to the end of the M24LR64E-R response.
When configured in the RF write in progress mode, the RF WIP/BUSY pin is tied to 0 for the
duration of the internal write cycle (from the end of a valid Write sector password command
to the beginning of the M24LR64E-R response).
26.15
Lock-sector
On receiving the Lock-sector command, the M24LR64E-R sets the access rights and
permanently locks the selected sector. The Option_flag is supported.
A sector is selected by giving the address of one of its blocks in the Lock-sector request
(Sector number field). For example, addresses 0 to 31 are used to select sector 0 and
addresses 32 to 63 are used to select sector 1. Care must be taken when issuing the Lock-
sector command as all the blocks belonging to the same sector are automatically locked by
a single command.
The Protocol_extension_flag should be set to 1 for the M24LR64E-R to operate correctly. If
the Protocol_extension_flag is at 0, the M24LR64E-R answers with an error code.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%),
otherwise the M24LR64E-R may not correctly lock the memory block. The Wt time is equal
to t1nom + 18 × 302 µs.
Figure 67.
Write-sector Password frame exchange between VCD and M24LR64E-R
VCD
SOF
Write-
sector
Password
request
EOF
M24LR64E-R
<-t1-> SOF
Write-sector
Password
response
EOF
Write sequence
when error
M24LR64E-R
<---------------- Wt -------------> SOF
Write-
sector
Password
response
EOF
Table 80.
Lock-sector request format
Request
SOF
Request
_flags
Lock-
sector
IC
Mfg
code
UID(1)
1.
Gray color means that the field is optional.
Sector
number
Sector
security
status
CRC16
Request
EOF
8 bits
B2h
02h
64 bits
16 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com