Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 109 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 109 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 105Page - STMicroelectronics M24LR64E-R Datasheet HTML 106Page - STMicroelectronics M24LR64E-R Datasheet HTML 107Page - STMicroelectronics M24LR64E-R Datasheet HTML 108Page - STMicroelectronics M24LR64E-R Datasheet HTML 109Page - STMicroelectronics M24LR64E-R Datasheet HTML 110Page - STMicroelectronics M24LR64E-R Datasheet HTML 111Page - STMicroelectronics M24LR64E-R Datasheet HTML 112Page - STMicroelectronics M24LR64E-R Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 140 page
background image
M24LR64E-R
Command codes
Doc ID 022712 Rev 3
109/140
When configured in the RF busy mode, the RF WIP/BUSY pin is tied to 0 from the SOF that
starts the Fast Initiate command to the end of the M24LR64E-R response.
When configured in the RF write in progress mode, the RF WIP/BUSY pin remains in high-Z state.
26.20
Fast Read Multiple Block
On receiving the Fast Read Multiple Block command, the M24LR64E-R reads the selected
blocks and sends back their value in multiples of 32 bits in the response. The blocks are
numbered from 00h to 1FFh in the request and the value is minus one (–1) in the field. For
example, if the “Number of blocks” field contains the value 06h, seven blocks are read. The
maximum number of blocks is fixed to 32 assuming that they are all located in the same
sector. If the number of blocks overlaps sectors, the M24LR64E-R returns an error code.
The Protocol_extension_flag should be set to 1 for the M24LR64E-R to operate correctly. If
the Protocol_extension_flag is at 0, the M24LR64E-R answers with an error code.
The Option_flag is supported. The data rate of the response is multiplied by 2.
The subcarrier_flag should be set to 0, otherwise the M24LR64E-R answers with an error
code.
Request parameters:
●
Request flag
●
UID (Optional)
●
First block number
●
Number of blocks
Figure 71.
Fast Initiate frame exchange between VCD and M24LR64E-R
VCD
SOF
Fast Initiate
request
EOF
M24LR64E-R
<-t1-> SOF
Fast Initiate
response
EOF
Table 95.
Fast Read Multiple Block request format
Request
SOF
Request_
flags
Fast
Read
Multiple
Block
IC Mfg
code
UID(1)
1.
Gray color means that the field is optional.
First
block
number
Number
of
blocks
CRC16
Request
EOF
8 bits
C3h
02h
64 bits
16 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com