Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 117 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 117 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 113Page - STMicroelectronics M24LR64E-R Datasheet HTML 114Page - STMicroelectronics M24LR64E-R Datasheet HTML 115Page - STMicroelectronics M24LR64E-R Datasheet HTML 116Page - STMicroelectronics M24LR64E-R Datasheet HTML 117Page - STMicroelectronics M24LR64E-R Datasheet HTML 118Page - STMicroelectronics M24LR64E-R Datasheet HTML 119Page - STMicroelectronics M24LR64E-R Datasheet HTML 120Page - STMicroelectronics M24LR64E-R Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 140 page
background image
M24LR64E-R
Command codes
Doc ID 022712 Rev 3
117/140
26.26
SetRstEHEn
On receiving the SetRstEHEn command, the M24LR64E-R sets or resets the EH_enable bit
in the volatile Control register. The Protocol_extension_flag should be set to 0 for the
M24LR64E-R to operate correctly. If the Protocol_extension_flag is at 1, the M24LR64E-R
answers with an error code. The Option_flag and the Inventory_flag are not supported.
Request parameters:
●
Request flags
●
UID (optional)
●
Data: during a SetRstEHEn command, bits 7 to 1 are ignored. Bit 0 is the EH_enable
bit.
Response parameter:
●
No parameter. The response is sent back after t1.
Response parameter:
●
Error code as Error_flag is set:
–
03h: the option is not supported
Table 112.
SetRstEHEn request format
Request
SOF
Request_
flags
SetRstEHEn
IC Mfg
code
UID(1)
1.
Gray color means that the field is optional.
Data
CRC16
Request
EOF
8 bits
A2h
02h
64 bits
8 bits
16 bits
Table 113.
SetRstEHEn response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
8 bits
16 bits
Table 114.
SetRstEHEn response format when Error_flag is set
Response
SOF
Response_
flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com