Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64E-R Datasheet(PDF) 127 Page - STMicroelectronics

Part # M24LR64E-R
Description  64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64E-R Datasheet(HTML) 127 Page - STMicroelectronics

Back Button M24LR64E-R Datasheet HTML 123Page - STMicroelectronics M24LR64E-R Datasheet HTML 124Page - STMicroelectronics M24LR64E-R Datasheet HTML 125Page - STMicroelectronics M24LR64E-R Datasheet HTML 126Page - STMicroelectronics M24LR64E-R Datasheet HTML 127Page - STMicroelectronics M24LR64E-R Datasheet HTML 128Page - STMicroelectronics M24LR64E-R Datasheet HTML 129Page - STMicroelectronics M24LR64E-R Datasheet HTML 130Page - STMicroelectronics M24LR64E-R Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 140 page
background image
M24LR64E-R
RF electrical parameters
Doc ID 022712 Rev 3
127/140
Figure 81.
ASK modulated signal
Table 126 below summarizes respectively the minimum AC0-AC1 input power level PAC0-
AC1_min required for the Energy harvesting mode, the corresponding maximum current
consumption Isink_max and variation of the analog voltage Vout for the various Energy
harvesting fan-out configurations defined by bits b0 and b1 of the Configuration byte.
Table 126.
Energy harvesting(1) (2)
1.
Characterized only.
2.
Valid from -40 °C to +85 °C.
Range
Hmin
(3)
3.
Hmin characterized according to ISO10373-7 test method.
Pmin
(4)
4.
Pmin calculated from DC measurements.
We recommend to choose the Energy Harvesting Range in respect with the maximum
current requested by the application to avoid any disabling of Energy
Harvesting mode (for example, choose Range 01 for a max consumption of
2mA).
Vout@I=0
Vout@Isink_max
Isink_max@Pmin
00
3.5 A/m
100 mW
2.7 V min
4.5 V max
1.7 V
6 mA
01
2.4 A/m
60 mW
2.7 V min
4.5 V max
1.9 V
3 mA
10
1.6 A/m
30 mW
2.7 V min
4.5 V max
2.1 V
1 mA
11
1.0 A/m
16 mW
2.7 V min
4.5 V max
2.3 V
300 µA
MS19784V1
AB
tRFF
tRFR
tRFSBL
tMIN CD
fCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com