Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85232A Datasheet(PDF) 13 Page - Sony Corporation

Part # CXP-85232A
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85232A Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXP-85232A Datasheet HTML 9Page - Sony Corporation CXP-85232A Datasheet HTML 10Page - Sony Corporation CXP-85232A Datasheet HTML 11Page - Sony Corporation CXP-85232A Datasheet HTML 12Page - Sony Corporation CXP-85232A Datasheet HTML 13Page - Sony Corporation CXP-85232A Datasheet HTML 14Page - Sony Corporation CXP-85232A Datasheet HTML 15Page - Sony Corporation CXP-85232A Datasheet HTML 16Page - Sony Corporation CXP-85232A Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
– 13 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
(2) Serial transfer
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
Item
SCK cycle time
tKCY
SCK
Input mode
Output mode
SCK input mode
SCK output mode
SCK input mode
SCK output mode
SCK input mode
SCK output mode
SCK input mode
SCK output mode
1000
8000/fc
400
4000/fc – 50
100
200
200
100
200
100
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
SCK
SI
SI
SO
tKH
tKL
tSIK
tKSI
tKSO
SCK High and Low level
widths
SI input setup time
(for SCK
↑)
SI input hold time
(for SCK
↑)
SCK
↓ → SO delay time
Symbol
Pins
Conditions
Min.
Max.
Unit
Note) The load condition for the SCK output mode, SO output delay time is 50pF + 1TTL.
Fig. 4. Serial transfer timing
0.2VDD
0.8VDD
tKL
tKH
SO
tKCY
tSIK
tKSI
0.2VDD
0.8VDD
tKSO
0.2VDD
0.8VDD
Output data
Input data
SI
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com