Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85232A Datasheet(PDF) 19 Page - Sony Corporation

Part # CXP-85232A
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85232A Datasheet(HTML) 19 Page - Sony Corporation

Back Button CXP-85232A Datasheet HTML 12Page - Sony Corporation CXP-85232A Datasheet HTML 13Page - Sony Corporation CXP-85232A Datasheet HTML 14Page - Sony Corporation CXP-85232A Datasheet HTML 15Page - Sony Corporation CXP-85232A Datasheet HTML 16Page - Sony Corporation CXP-85232A Datasheet HTML 17Page - Sony Corporation CXP-85232A Datasheet HTML 18Page - Sony Corporation CXP-85232A Datasheet HTML 19Page - Sony Corporation CXP-85232A Datasheet HTML 20Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
– 19 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
Fig. 14. Characteristics curves
IDD vs. VDD
(fc = 4MHz, Ta = 25°C typical)
15
10
1
0.1
2
3
4
5
6
VDD – Supply voltage [V]
1/2 frequency
demultiplication mode
1/4 frequency
demultiplication mode
1/16 frequency
demultiplication mode
Sleep mode
12
1
fc – System clock [MHz]
1/2 frequency
demultiplication mode
1/4 frequency
demultiplication mode
1/16 frequency
demultiplication mode
Sleep mode
11
10
9
8
7
6
5
4
3
2
1
0
2
3
4
5
6
OSD oscillation vs. C
Calculated curves
(reference value by theoretical calculation)
100
10
1
0
50
100
13.0MHz
6.5MHz
C1, C2 – Capacitance [pF]
IDD vs. fc
(VDD = 5V, Ta = 25°C typical)
fosc =
C = C1//C2
2
π LC
1
5.0MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com