Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85232A Datasheet(PDF) 7 Page - Sony Corporation

Part # CXP-85232A
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85232A Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXP-85232A Datasheet HTML 3Page - Sony Corporation CXP-85232A Datasheet HTML 4Page - Sony Corporation CXP-85232A Datasheet HTML 5Page - Sony Corporation CXP-85232A Datasheet HTML 6Page - Sony Corporation CXP-85232A Datasheet HTML 7Page - Sony Corporation CXP-85232A Datasheet HTML 8Page - Sony Corporation CXP-85232A Datasheet HTML 9Page - Sony Corporation CXP-85232A Datasheet HTML 10Page - Sony Corporation CXP-85232A Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
– 7 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
Data bus
RD (Port D)
IP
Port D direction
Port D data
High current
12mA
Schmitt input
SCK only
SCK or SO
Output eneble
Data bus
RD (Ports A, B, and C)
IP
Input protection
circuit
Data for Ports
A, B, and C
Direction for
Ports A, B, and C
Data bus
RD (Port D)
IP
Port D direction
Port D data
High current
12mA
INT2, SI, HSI, ACI, RMC, EC
Schmitt input
Port D
2 pins
PD1/SCK
PD2/SO
Input/Output Circuit Formats for Pins
Port A
Port B
Port C
Port D
24 pins
6 pins
Hi-Z
Hi-Z
Hi-Z
Pin
When reset
Circuit format
PA0 to PA7
PB0 to PB7
PC0 to PC7
PD0/INT2
PD3/SI
PD4/HSI
PD5/ACI
PD6/RMC
PD7/EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com