Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85232A Datasheet(PDF) 17 Page - Sony Corporation

Part # CXP-85232A
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85232A Datasheet(HTML) 17 Page - Sony Corporation

Back Button CXP-85232A Datasheet HTML 12Page - Sony Corporation CXP-85232A Datasheet HTML 13Page - Sony Corporation CXP-85232A Datasheet HTML 14Page - Sony Corporation CXP-85232A Datasheet HTML 15Page - Sony Corporation CXP-85232A Datasheet HTML 16Page - Sony Corporation CXP-85232A Datasheet HTML 17Page - Sony Corporation CXP-85232A Datasheet HTML 18Page - Sony Corporation CXP-85232A Datasheet HTML 19Page - Sony Corporation CXP-85232A Datasheet HTML 20Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
– 17 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
(7) OSD (On-Screen Display) timing (Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
Item
OSD clock frequency
HSYNC pulse width
VSYNC pulse width
HSYNC after-edge
rise time/fall time
VSYNC after-edge
rise time/fall time
fOSC
tHWD
tVWD
tHCG
tVCG
EXLC
XLC
HSYNC
VSYNC
HSYNC
VSYNC
Fig. 12
Fig. 11
Fig. 11
Fig. 11
Fig. 11
4
1.2
1.0
13
200
1.0
MHz
µs
H*
ns
µs
Symbol
Pins
Condition
Unit
Min.
Max.
Fig. 11. OSC timing
0.8VDD
0.2VDD
tHCG
tHWD
HSYNC
when Bit 5 of OPOL register
(01FBH) is set to "0"
0.8VDD
0.2VDD
tVCG
VSYNC
when Bit 4 of OPOL register
(01FBH) is set to "0"
tVWD
Fig. 12. LC oscillation circuit example
L
C2
C1
EXLC
XLC
* H indicates 1HSYNC period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com