Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85232A Datasheet(PDF) 16 Page - Sony Corporation

Part # CXP-85232A
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85232A Datasheet(HTML) 16 Page - Sony Corporation

Back Button CXP-85232A Datasheet HTML 12Page - Sony Corporation CXP-85232A Datasheet HTML 13Page - Sony Corporation CXP-85232A Datasheet HTML 14Page - Sony Corporation CXP-85232A Datasheet HTML 15Page - Sony Corporation CXP-85232A Datasheet HTML 16Page - Sony Corporation CXP-85232A Datasheet HTML 17Page - Sony Corporation CXP-85232A Datasheet HTML 18Page - Sony Corporation CXP-85232A Datasheet HTML 19Page - Sony Corporation CXP-85232A Datasheet HTML 20Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
– 16 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
(6) I2C bus timing
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
Item
SCL clock frequency
Bus free time prior to transfer start
Transfer start hold time
Clock Low level width
Clock High level width
Setup time during repetitive transfer
Data hold time
Data setup time
SDA, SCL rise time
SDA, SCL fall time
Transfer end setup time
fSLC
tBUF
tHD; STA
tLOW
tHIGH
tSU; STA
tHD; DAT
tSU; DAT
tR
tF
tSU; STO
SCL
SDA, SCL
SDA, SCL
SCL
SCL
SDA, SCL
SDA, SCL
SDA, SCL
SDA, SCL
SDA, SCL
SDA, SCL
0
4.7
4.0
4.7
4.0
4.7
0∗1
250
4.7
100
1
300
kHz
µs
µs
µs
µs
µs
µs
ns
µs
ns
µs
Symbol
Pins
Conditions
Min.
Max.
Unit
∗1 The data hold time does not take into consideration SCL rise time (300ns max.). Ensure that the data hold
time exceeds 300ns.
Fig. 9. I2C bus transfer timing
P
St
tSU; STO
tSU; STA
tHD; STA
tSU; DAT
tHIGH
tHD; DAT
tF
tR
tLOW
tHD; STA
S
P
tBUF
SDA
SCL
Fig. 10. Recommended circuit example for I2C device
I2C device
I2C device
RS
RS RS
RS RP
RP
SDA0
(or SDA1)
SCL0
(or SCL1)
• Pull-up resistors (RP) must be connected to SDA0 (or SDA1) and SCL0 (or SCL1).
• Serial resistance (Rs = 300
Ω and under) of SDA0 (or SDA1) and SCL0 (or SCL1) reduces spike noise
caused by CRT flashover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com