Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85232A Datasheet(PDF) 14 Page - Sony Corporation

Part # CXP-85232A
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85232A Datasheet(HTML) 14 Page - Sony Corporation

Back Button CXP-85232A Datasheet HTML 10Page - Sony Corporation CXP-85232A Datasheet HTML 11Page - Sony Corporation CXP-85232A Datasheet HTML 12Page - Sony Corporation CXP-85232A Datasheet HTML 13Page - Sony Corporation CXP-85232A Datasheet HTML 14Page - Sony Corporation CXP-85232A Datasheet HTML 15Page - Sony Corporation CXP-85232A Datasheet HTML 16Page - Sony Corporation CXP-85232A Datasheet HTML 17Page - Sony Corporation CXP-85232A Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
– 14 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
External interruption High and
Low level widths
Reset input Low level width
INT0 to
INT2
RST
1
8/fc
µs
µs
Item
Symbol
Pins
Conditions
Min.
Max.
Unit
tIH
tIL
tRSL
Power supply rise time
Power supply cut-off time
tR
tOFF
VDD
Power-on reset
Repetitive power-on reset
0.05
1
50
ms
ms
Item
Symbol Pins
Conditions
Min.
Max.
Unit
(3) Interruption, reset input (Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
(4) Power on reset
Power on reset∗
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
0.2VDD
0.8VDD
tIH
tIL
INT0 to INT2
(Falling edge)
0.2V
0.2V
4.5V
VDD
tR
tOFF
The power supply should be raised smoothly.
Fig. 5. Interruption input timing
tRSL
0.2VDD
RST
Fig. 6. RST input timing
Fig. 7. Power-on reset
∗ Specifies only when the power-on reset function has been selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com