Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85232A Datasheet(PDF) 11 Page - Sony Corporation

Part # CXP-85232A
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85232A Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXP-85232A Datasheet HTML 7Page - Sony Corporation CXP-85232A Datasheet HTML 8Page - Sony Corporation CXP-85232A Datasheet HTML 9Page - Sony Corporation CXP-85232A Datasheet HTML 10Page - Sony Corporation CXP-85232A Datasheet HTML 11Page - Sony Corporation CXP-85232A Datasheet HTML 12Page - Sony Corporation CXP-85232A Datasheet HTML 13Page - Sony Corporation CXP-85232A Datasheet HTML 14Page - Sony Corporation CXP-85232A Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
– 11 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
VDD = 4.5V, IOH = –0.5mA
VDD = 4.5V, IOH = –1.2mA
VDD = 4.5V, IOL = 1.8mA
VDD = 4.5V, IOL = 3.6mA
VDD = 4.5V, IOL = 3.0mA
VDD = 4.5V, IOL = 4.0mA
VDD = 5.5V, VIH = 5.5V
VDD = 5.5V, VIL = 0.4V
VDD = 4.5V, IOL = 12.0mA
High level output
current
Low level output
current
Input current
I/O leakage current
Open drain output
leakage current
(N-ch Tr in off state)
Impedance connected
to I2C bus switch
(output Tr in off state)
Power supply current
Input capacity
4.0
3.5
8
0.5
—
10
—
2
—
20
µA
pF
20
50
10
120
mA
mA
µA
µA
Ω
0.4
0.6
1.5
0.4
0.6
40
–40
–400
±10
V
V
V
V
V
µA
µA
µA
µA
0.5
–0.5
–1.5
V
V
PA to PD, PE6, PE7,
R, G, B, BLK
PA to PD, PE6, PE7,
R, G, B, BLK,
PF0 to PF3, RST∗1
PD, PF0 to PF3
PF4 to PF7
(SCL0, SCL1,
SDA0, SDA1)
EXTAL
RST∗2
PA to PE, HSYNC,
VSYNC, R, G, B,
BLK, RST∗2, MP
PF0 to PF3
PF4 to PF7
SCL0: SCL1
SDA0: SDA1
VDD = 5.5V, VIL = 0.4V
VDD = 5.5V
VI = 0, 5.5V
VDD = 5.5V, VOH = 12.0V
VDD = 5.5V, VOH = 5.5V
VDD = 4.5V
VSCL0 = VSCL1 = 2.25V
VSDA0 = VSDA1 = 2.25V
VDD∗3
Operation mode∗3
(1/2 frequency
demultiplier clock)
4MHz crystal oscillation
(C1 = C2 = 22pF)
All outputs open
Stop mode∗4
Sleep mode
Pins other than
VDD and Vss
Clock 1MHz
0V for all pins excluding
Item
Symbol
Pins
Conditions
Min.
Typ.
Max.
Unit
VOH
VOL
IIZ
ILOH
RBS
IDD
IDDSL
IDDST
CIN
IIHE
IIHL
IILR
Electrical Characteristics
DC Characteristics
(Ta = –20 to +75°C, Vss = 0V reference)
∗1 RST specifies only when the power-on reset circuit has been selected througn mask option.
∗2 RST specifies input current when the pull-up resistance has been selected; Ieakage current when no
resistance has been selected.
∗3 Specifies only when the oscillatlon of OSD has been terminated.
∗4 This device does not enter the stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com