Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85232A Datasheet(PDF) 9 Page - Sony Corporation

Part # CXP-85232A
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85232A Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXP-85232A Datasheet HTML 5Page - Sony Corporation CXP-85232A Datasheet HTML 6Page - Sony Corporation CXP-85232A Datasheet HTML 7Page - Sony Corporation CXP-85232A Datasheet HTML 8Page - Sony Corporation CXP-85232A Datasheet HTML 9Page - Sony Corporation CXP-85232A Datasheet HTML 10Page - Sony Corporation CXP-85232A Datasheet HTML 11Page - Sony Corporation CXP-85232A Datasheet HTML 12Page - Sony Corporation CXP-85232A Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
– 9 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
4 pins
2 pins
Pin
When reset
Circuit format
Hi-Z
Oscillation
terminated
BLK
R
G
B
EXLC
XLC
BLK, R, G, B
Hi-Z
→ output active
by writing into the output polarity register.
Output polarity
2 pins
Hi-Z
HSYNC
VSYNC
HSYNC
VSYNC
IP
Schmitt input
Input polarity
Oscillation control
EXLC
IP
CRT display clock
IP
XLC
2 pins
1 pin
RST
Oscillation
Low level
EXTAL
XTAL
IP
EXTAL
XTAL
• Diagram shows
circuit composition
during oscillation.
• Feedback resistor
is removed during
stop.
From power-on reset circuit
Mask option
Schmitt input
Pull-up resistance
OP
(Mask option)
1 pin
MP
Hi-Z
IP
CPU mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com