Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85232A Datasheet(PDF) 15 Page - Sony Corporation

Part # CXP-85232A
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85232A Datasheet(HTML) 15 Page - Sony Corporation

Back Button CXP-85232A Datasheet HTML 11Page - Sony Corporation CXP-85232A Datasheet HTML 12Page - Sony Corporation CXP-85232A Datasheet HTML 13Page - Sony Corporation CXP-85232A Datasheet HTML 14Page - Sony Corporation CXP-85232A Datasheet HTML 15Page - Sony Corporation CXP-85232A Datasheet HTML 16Page - Sony Corporation CXP-85232A Datasheet HTML 17Page - Sony Corporation CXP-85232A Datasheet HTML 18Page - Sony Corporation CXP-85232A Datasheet HTML 19Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
– 15 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
Resolution
Linearity error
Zero transition
voltage
Full-scale transition
voltage
Conversion time
Sampling time
Analog input voltage
VZT∗1
VFT∗2
tCONV
tSAMP
VIAN
AN0 to AN3
Ta = 25°C
VDD = 5.0V
Vss = 0V
–10
4370
160/fc
12/fc
0
160
4530
4
±1
320
4690
VDD
Bits
LSB
mV
mV
µs
µs
V
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
(5) A/D converter characteristics
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
Linearity error
VZT
VFT
Analog input
FH
EH
1H
0H
Fig. 8. Definition of A/D converter terms
∗1 V
ZT
: Value at which the digital conversion value changes
from 0H to 1H and vice versa.
∗2 V
FT
: Value at which the digital conversion value changes
from EH to FH and vice versa.
Note) The 4-bit conversion specifies values based on the upper 5 bits of the A/D data register (ADD: Address
00F5H), compensated into 4-bit data. A program example is shown below:
(A/D converter program example)
MOV
A, ADD
; ACC
← conversion data
LSR
A
; Shift to the right (4 times)
LSR
A
;
LSR
A
;
LSR
A
;
ADC
A, #00H
; Addition with carry (data increment if AD3 = 1)
CMP
A, #10H
;
BNE
ADC_SKIP ;
MOV
A, #0FH
;
ADC_SKIP:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com