Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F12 Datasheet(PDF) 79 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
Rev. 0.00
78
�e�te��e� ��� �01�
Rev. 0.00
79
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Au to ma ti ca ll y Cl ear ed by I SR
e xc ep t
fo r TB 0F , T B1 F, C F, E 2F
Ma nua lly S et o r Cl ea re d by S of tw ar e
Au to ma ti ca lly D is abl ed b y IS R
Ca n b e En ab le d Ma nua ll y
Pr io ri ty
Hi gh
In te rr up t
Po l lin g
Ex te rn al In te rr up t
Re ques t Fl ag E IF 1
EEI 0
Ti me r/ Ev en t C oun te r
In te rr up t Re qus t F la g TF
EEI 1
ET I
Ex te rn al In te rr up t
Re ques t Fl ag E IF 0
Mu lt i- fu n ct io n
In te rr up t Re ques t Fl ag M FF
EM FI
EM I
Low
Ti me B as e 1
In te rr up t Re ques t Fl ag T B1 F
Ti me B as e 0
In te rr up t Re ques t Fl ag T B0 F
TB 0E
TB 1E
Co mp ar at or
In te rr up t Re ques t Fl ag C F
EC I
E2 I
E EPR OM
In te rr up t R eque st F la g E2 F
Interrupt Structure
Theexternalinterruptpinsareconnectedtoaninternalfiltertoreducethepossibilityofunwanted
externalinterruptsduetoadversenoiseorspikesontheexternalinterruptinputsignal.Asthis
internalfiltercircuitwillconsumealimitedamountofpower,aconfigurationoptionisprovided
toswitchoffthefilterfunction,anoptionwhichmaybebeneficialinpowersensitiveapplications,
butinwhichtheintegrityoftheinputsignalishigh.Caremustbetakenwhenusingthefilteron/off
configurationoptionasitwillbeappliednotonlytoboththeexternalinterruptpinsbutalsotothe
Timer/EventCounterexternalinputpin.IndividualexternalinterruptorTimer/EventCounterpin
cannotbeselectedtohaveafilteron/offfunction.
INTEDGE Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
INT1�1
INT1�0
INT0�1
INT0�0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas“0”
Bit3~2
INT1S1, INT1S0:INT1Edgeselect
00:Disable
01:Risingedgetrigger
10:Fallingedgetrigger
11:Dualedgetrigger
Bit1~0
INT0S1, INT0S0:INT0Edgeselect
00:Disable
01:Risingedgetrigger
10:Fallingedgetrigger
11:Dualedgetrigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com