Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F12 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
Rev. 0.00
3�
�e�te��e� ��� �01�
Rev. 0.00
33
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Oscillator
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughregisters.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBasefunctions.Externaloscillatorsrequiringsomeexternal
componentsaswellasfullyintegratedinternaloscillators,requiringnoexternalcomponents,
areprovidedtoformawiderangeofbothfastandslowsystemoscillators.Alloscillatoroptions
areselectedthroughtheconfigurationoptions.Thehigherfrequencyoscillatorsprovidehigher
performancebutcarrywithitthedisadvantageofhigherpowerrequirements,whiletheopposite
isofcoursetrueforthelowerfrequencyoscillators.Withthecapabilityofdynamicallyswitching
betweenfastandslowsystemclock,thedevicehastheflexibilitytooptimizetheperformance/
powerratio,afeatureespeciallyimportantinpowersensitiveportableapplications.
Type
Name
Freq.
Pins
Exte�nal C�ystal
HXT
400kHz~1�MHz
O�C1/O�C�
Exte�nal RC
ERC
910kHz� �MHz� 4MHz
O�C1
Exte�nal Clock
EC
400kHz~1�MHz
O�C1
Inte�nal High ��eed RC
HIRC
910kHz� �/4/8MHz
—
Inte�nal Low ��eed RC
LIRC
3�kHz
—
Oscillator Types
System Clock Configurations
Therearefivemethodsofgeneratingthesystemclock,fourhighspeedoscillatorsandonelow
speedoscillators.Thehighspeedoscillatorsaretheexternalcrystal/ceramicoscillator,externalRC
networkoscillator,externalclockandtheinternal910kHz,2MHz,4MHzor8MHzRCoscillator.
Theonelowspeedoscillatorsistheinternal32kHzRCoscillator.
HX T
LI RC
Hi gh Sp e ed O sci lla ti on
Lo w S peed O sci lla ti on
f H
f H /6 4
f H /3 2
f H /1 6
f H /8
f H /4
f H /2
6- st age P re sc al er
f L
f SU B
f SYS
HL CL K,
LC KS 2~ LC KS 0 bi ts
ER C
HI RC
EC
Hi gh Sp e ed O sci lla ti on
Co nf i gur at io n Op ti on
Fa st W ak e up fr om S LE EP Mo de or
ID LE M o de Co nt ro l (f or H XT o nl y)
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com