Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F12 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
Rev. 0.00
34
�e�te��e� ��� �01�
Rev. 0.00
35
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
External RC Oscillator – ERC
UsingtheERCoscillatoronlyrequiresthataresistor,withavaluebetween56kΩand2.4MΩ,
isconnectedbetweenOSC1andVDD,andacapacitorisconnectedbetweenOSC1andground,
providingalowcostoscillatorconfiguration.Itisonlytheexternalresistorthatdeterminesthe
oscillationfrequency;theexternalcapacitorhasnoinfluenceoverthefrequencyandisconnected
forstabilitypurposesonly.Devicetrimmingduringthemanufacturingprocessandtheinclusionof
internalfrequencycompensationcircuitsareusedtoensurethattheinfluenceofthepowersupply
voltage,temperatureandprocessvariationsontheoscillationfrequencyareminimised.Hereonlythe
OSC1pinisused,whichissharedwithI/OpinPC0,leavingpinPC1freeforuseasanormalI/Opin.
PC 0/ OS C1
20pF
V DD
R OS C
PC 1/ OS C2
External RC Oscillator – ERC
External Oscillator – EC
Thesystemclockcanalsobesuppliedbyanexternallysuppliedclockgivingusersamethodof
synchronisingtheirexternalhardwaretothemicrocontrolleroperation.Thisisselectedusing
aconfigurationoptionandsupplyingtheclockonpinOSC1.PinOSC2shouldbeleftfloating
iftheexternaloscillatorisused.Theinternaloscillatorcircuitcontainsafiltercircuittoreduce
thepossibilityoferraticoperationduetonoiseontheoscillatorpin,howeverasthefiltercircuit
consumesacertainamountofpower,aconfigurationoptionexiststoturnthisfilteroff.Notusing
theinternalfiltershouldbeconsideredinpowersensitiveapplicationsandwheretheexternally
suppliedclockisofahighintegrityandsuppliedbyalowimpedancesource.
Internal RC Oscillator – HIRC
TheinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternalcomponents.
TheinternalRCoscillatorhasfourfixedfrequenciesofeither910kHz,2MHz,4MHzor8MHz.
Devicetrimmingduringthemanufacturingprocessandtheinclusionofinternalfrequency
compensationcircuitsareusedtoensurethattheinfluenceofthepowersupplyvoltage,temperature
andprocessvariationsontheoscillationfrequencyareminimised.Notethatifthisinternalsystem
clockoptionisselected,asitrequiresnoexternalpinsforitsoperation,I/OpinsPC0andPC1are
freeforuseasnormalI/Opins.
Internal 32kHz Oscillator – LIRC
TheInternal32kHzSystemOscillatorisalowfrequencyoscillator.ItisafullyintegratedRC
oscillatorwithatypicalfrequencyof32kHzat5V,requiringnoexternalcomponentsforits
implementation.Devicetrimmingduringthemanufacturingprocessandtheinclusionofinternal
frequencycompensationcircuitsareusedtoensurethattheinfluenceofthepowersupplyvoltage,
temperatureandprocessvariationsontheoscillationfrequencyareminimised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com