Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F12 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 104 page
background image
Rev. 0.00
40
�e�te��e� ��� �01�
Rev. 0.00
41
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
bit0
HLCLK:SystemClockSelection
0:fH/2~fH/64orfL
1:fH
ThisbitisusedtoselectifthefHclockorthefH/2~fH/64orfLclockisusedasthe
systemclock.WhenthebitishighthefHclockwillbeselectedandiflowthefH/2~
fH/64orfLclockwillbeselected.WhensystemclockswitchesfromthefHclocktothe
fLclockandthefHclockwillbeautomaticallyswitchedofftoconservepower.
Fast Wake-up
TominimisepowerconsumptionthedevicecanentertheSLEEPorIDLE0Mode,wherethesystem
clocksourcetothedevicewillbestopped.Howeverwhenthedeviceiswokenupagain,itcantake
aconsiderabletimefortheoriginalsystemoscillatortorestart,stabiliseandallownormaloperation
toresume.ToensurethedeviceisupandrunningasfastaspossibleaFastWake-upfunctionis
provided,whichallowsfSUB,namelyLIRCoscillator,toactasatemporaryclocktofirstdrivethe
systemuntiltheoriginalsystemoscillatorhasstabilised.AstheclocksourcefortheFastWake-
upfunctionisfSUB,theFastWake-upfunctionisonlyavailableintheSLEEP1andIDLE0modes.
WhenthedeviceiswokenupfromtheSLEEP0mode,theFastWake-upfunctionhasnoeffect
becausethefSUBclockisstopped.TheFastWake-upenable/disablefunctioniscontrolledusingthe
FSTENbitintheSYSMODregister.
IftheHXToscillatorisselectedastheNORMALModesystemclock,andiftheFastWake-up
functionisenabled,thenitwilltakeonetotwotSUBclockcyclesoftheLIRCoscillatorforthe
systemtowake-up.ThesystemwilltheninitiallyrununderthefSUBclocksourceuntil1024HXT
clockcycleshaveelapsed,atwhichpointtheHTOflagwillswitchhighandthesystemwillswitch
overtooperatingfromtheHXToscillator.
IftheERCorHIRCoscillatorsorLIRCoscillatorisusedasthesystemoscillatorthenitwilltake
15~16clockcyclesoftheERCorHIRCor1~2cyclesoftheLIRCtowakeupthesystemfromthe
SLEEPorIDLE0Mode.TheFastWake-upbit,FSTENwillhavenoeffectinthesecases.
System
Oscillator
FSTEN
Bit
Wake-up Time
(SLEEP0 Mode)
Wake-up Time
(SLEEP1 Mode)
Wake-up Time
(IDLE0 Mode)
Wake-up Time
(IDLE1 Mode)
HXT
0
10�4 HXT cycles 10�4 HXT cycles
1~� HXT cycles
1
10�4 HXT cycles
1~� f�UB cycles
(�yste� �uns with f�UB first for
10�4HXT cycles and then switches
ove� to �un with the HXT clock)
1~� HXT cycles
ERC
×
15~1� ERC cycles 15~1� ERC cycles
1~� ERC cycles
EC
×
15~1� EC cycles 15~1� RC cycles
1~� EC cycles
HIRC
×
15~1� HIRC cycles 15~1� HIRC cycles
1~� HIRC cycles
LIRC
×
1~� LIRC cycles 1~� LIRC cycles
1~� LIRC cycles
Wake-Up Times
Notethatthereisnofaststart-upfunctionwhenthedeviceisinSLEEPmodewiththeWDTis
disabled.Weturnofftheregulatorinthiscase.Itwilltake500μsatmosttobecomestablefor
regulatorwakedupfromSLEEPmode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com