Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F12 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
Rev. 0.00
1�
�e�te��e� ��� �01�
Rev. 0.00
13
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
f�Y�1
�yste� Clock
(HXT� ERC� HIRC)
─
�.�~5.5V
400
─
4000
kHz
3.3~5.5V
400
─
8000
kHz
4.5~5.5V
400
─
1�000 kHz
f�Y��
8MHz HIRC
3.3V
Ta= �5°C
-�%
8
+�%
MHz
3.3V
Ta= -40°C~85°C
-5%
8
+5%
MHz
�.7~5.5V Ta= -40°C~85°C
-10%
8
+10% MHz
f�Y�3
4MHz HIRC
3.3V
Ta= �5°C
-�%
4
+�%
MHz
3.3V
Ta= -40°C~85°C
-5%
4
+5%
MHz
�.7~5.5V Ta= -40°C~85°C
-10%
4
+10% MHz
f�Y�4
�MHz HIRC
3.3V
Ta= �5°C
-�%
�
+�%
MHz
3.3V
Ta= -40°C~85°C
-5%
�
+5%
MHz
�.7~5.5V Ta= -40°C~85°C
-10%
�
+10% MHz
f�Y�5
910kHz HIRC
3.3V
Ta= �5°C
-�%
0.91
+�%
MHz
3.3V
Ta= -40°C~85°C
-5%
0.91
+5%
MHz
�.7~5.5V Ta= -40°C~85°C
-10%
0.91 +10% MHz
fLIRC
�yste� Clock (LIRC)
5V
Ta= �5°C
-10%
3�
+10%
kHz
�.�~5.5V Ta= -40°C to 85°C
-50%
3�
+�0%
kHz
tINT
Inte��u�t Mini�u� Pulse Width
─
─
1
3.3
5
μs
tR�TD
�yste� Reset Delay Ti�e
(Powe� On Reset)
─
─
�5
50
100
�s
�yste� Reset Delay Ti�e
(Any Reset exce�t Powe� On
Reset)
─
─
8.3
1�.7
33.3
�s
t��T
�yste� sta�t-u� ti�e� �e�iod
(wake-u� f�o� HALT�
f�Y� off at HALT state)
─
f�Y�= HXT
1�8
─
─
t�Y�
f�Y�= ERC o� HIRC
1�
─
─
f�Y�= LIRC
�
─
─
�yste� �ta�t-u� Ti�e� Pe�iod
(Wake-u� f�o� HALT�
f�Y� on at HALT state)
─
─
�
─
─
Note:tSYS=1/fSYS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com