Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F12 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
Rev. 0.00
38
�e�te��e� ��� �01�
Rev. 0.00
39
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Control Register
Asingleregister,SYSMOD,isusedforoverallcontroloftheinternalclockswithinthedevice.
SYSMOD Register
Bit
7
6
5
4
3
2
1
0
Na�e
LCK��
LCK�1
LCK�0
F�TEN
LTO
HTO
IDLEN
HLCLK
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
POR
0
0
0
0
0
0
1
1
bit7~5
LCKS2 ~ LCKS0:ThesystemclockselectionwhenHLCLKis“0”
000:fL(fLIRC)
001:fL(fLIRC)
010:fH/64
011:fH/32
100:fH/16
101:fH/8
110:fH/4
111:fH/2
Thesethreebitsareusedtoselectwhichclockisusedasthesystemclocksource.In
additiontothesystemclocksource,whichcanbeLIRC,adividedversionofthehigh
speedsystemoscillatorcanalsobechosenasthesystemclocksource.
Bit4
FSTEN:FastWake-upControl(onlyforHXT)
0:Disable
1:Enable
ThisistheFastWake-upControlbitwhichdeterminesifthefSUBclocksourceis
initiallyusedafterthedevicewakesup.Whenthebitishigh,thefSUBclocksourcecan
beusedasatemporarysystemclocktoprovideafasterwakeuptimeasthefSUBclock
isavailable.
bit3
LTO:LIRCSystemOSCSSTreadyflag
0:Notready
1:Ready
ThisisthelowspeedsystemoscillatorSSTreadyflagwhichindicateswhenthelow
speedsystemoscillatorisstableafterpoweronresetorawake-uphasoccurred.The
flagwillbelowwhenintheSLEEP0Modebutafterawake-uphasoccurred,theflag
willchangetoahighlevelafter1~2clockcyclesiftheLIRCoscillatorisused.
bit2
HTO:HIRCSystemOSCSSTreadyflag
0:Notready
1:Ready
ThisisthehighspeedsystemoscillatorSSTreadyflagwhichindicateswhenthe
highspeedsystemoscillatorisstableafterawake-uphasoccurred.Theflagwill
belowwhenintheSLEEPorIDLE0Modebutafterpoweronresetorawake-up
hasoccurred,theflagwillchangetoahighlevelafter1024clockcyclesiftheHXT
oscillatorisusedandafter15~16clockcyclesiftheERCorHIRCoscillatorisused.
bit1
IDLEN:IDLEModeControl
0:Disable
1:Enable
ThisistheIDLEModeControlbitanddetermineswhathappenswhentheHALT
instructionisexecuted.Ifthisbitishigh,whenaHALTinstructionisexecutedthe
devicewillentertheIDLEMode.IntheIDLE1ModetheCPUwillstoprunning
butthesystemclockwillcontinuetokeeptheperipheralfunctionsoperational,if
FSYSONbitishigh.IfFSYSONbitislow,theCPUandthesystemclockwillallstop
inIDLE0mode.IfthebitislowthedevicewillentertheSLEEPModewhenaHALT
instructionisexecuted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com