Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F12 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
Rev. 0.00
�8
�e�te��e� ��� �01�
Rev. 0.00
�9
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
EEPROM Data Memory
OneofthespecialfeaturesinthedeviceisitsinternalEEPROMDataMemory.EEPROM,which
standsforElectricallyErasableProgrammableReadOnlyMemory,isbyitsnatureanon-volatile
formofmemory,withdataretentionevenwhenitspowersupplyisremoved.Byincorporating
thiskindofdatamemory,awholenewhostofapplicationpossibilitiesaremadeavailabletothe
designer.TheavailabilityofEEPROMstorageallowsinformationsuchasproductidentification
numbers,calibrationvalues,specificuserdata,systemsetupdataorotherproductinformationto
bestoreddirectlywithintheproductmicrocontroller.Theprocessofreadingandwritingdatatothe
EEPROMmemoryhasbeenreducedtoaverytrivialaffair.
EEPROM Data Memory Structure
TheEEPROMDataMemorycapacityis32×8bits.UnliketheProgramMemoryandRAMData
Memory,theEEPROMDataMemoryisnotdirectlymappedandisthereforenotdirectlyaccessible
insamewayastheothertypesofmemory.ReadandWriteoperationstotheEEPROMarecarried
outinsinglebyteoperationsusinganaddressanddataregisterinBank0andasinglecontrol
registerinBank1.
EEPROM Registers
ThreeregisterscontroltheoveralloperationoftheinternalEEPROMDataMemory.Thesearethe
addressregister,EEADDR,thedataregister,EEDATAandasinglecontrolregister,EECTRL.As
boththeEEADDRandEEDATAregistersarelocatedinBank0,theycanbedirectlyaccessedinthe
samewayasanyotherSpecialFunctionRegister.TheEECTRLregisterhowever,beinglocatedin
Bank1,cannotbedirectlyaddresseddirectlyandcanonlybereadfromorwrittentoindirectlyusing
theMP1MemoryPointerandIndirectAddressingRegister,IAR1.BecausetheEECTRLcontrol
registerislocatedataddress40HinBank1,theMP1MemoryPointermustfirstbesettothevalue
40HandtheBankPointerregister,BP,settothevalue,01H,beforeanyoperationsontheEECTRL
registerareexecuted.
EEPROM Control Registers List
Name
Bit
7
6
5
4
3
2
1
0
EEADDR
—
—
—
D4
D3
D�
D1
D0
EEDATA
D7
D�
D5
D4
D3
D�
D1
D0
EECTRL
—
—
—
—
WTEN
WT
RDEN
RD
EEADDR Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
D4
D3
D�
D1
D0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit7~5
Unimplemented,readas"0"
Bit4~0
DataEEPROMaddress
DataEEPROMaddressbit4~bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com