Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F12 Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 93Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
Rev. 0.00
88
�e�te��e� ��� �01�
Rev. 0.00
89
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Instruction Set Summary
Thefollowingtabledepictsasummaryoftheinstructionsetcategorisedaccordingtofunctionand
canbeconsultedasabasicinstructionreferenceusingthefollowinglistedconventions.
Tableconventions:
x:Bitsimmediatedata
m:DataMemoryaddress
A:Accumulator
i:0~7numberofbits
addr:Programmemoryaddress
Mnemonic
Description
Cycles
Flag Affected
Arithmetic
ADD A�[�]
ADDM A�[�]
ADD A�x
ADC A�[�]
ADCM A�[�]
�UB A�x
�UB A�[�]
�UBM A�[�]
�BC A�[�]
�BCM A�[�]
DAA [�]
Add Data Me�o�y to ACC
Add ACC to Data Me�o�y
Add i��ediate data to ACC
Add Data Me�o�y to ACC with Ca��y
Add ACC to Data �e�o�y with Ca��y
�u�t�act i��ediate data f�o� the ACC
�u�t�act Data Me�o�y f�o� ACC
�u�t�act Data Me�o�y f�o� ACC with �esult in Data Me�o�y
�u�t�act Data Me�o�y f�o� ACC with Ca��y
�u�t�act Data Me�o�y f�o� ACC with Ca��y� �esult in Data Me�o�y
Deci�al adjust ACC fo� Addition with �esult in Data Me�o�y
1
1Note
1
1
1Note
1
1
1Note
1
1Note
1Note
Z� C� AC� OV
Z� C� AC� OV
Z� C� AC� OV
Z� C� AC� OV
Z� C� AC� OV
Z� C� AC� OV
Z� C� AC� OV
Z� C� AC� OV
Z� C� AC� OV
Z� C� AC� OV
C
Logic Operation
AND A�[�]
OR A�[�]
XOR A�[�]
ANDM A�[�]
ORM A�[�]
XORM A�[�]
AND A�x
OR A�x
XOR A�x
CPL [�]
CPLA [�]
Logical AND Data Me�o�y to ACC
Logical OR Data Me�o�y to ACC
Logical XOR Data Me�o�y to ACC
Logical AND ACC to Data Me�o�y
Logical OR ACC to Data Me�o�y
Logical XOR ACC to Data Me�o�y
Logical AND i��ediate Data to ACC
Logical OR i��ediate Data to ACC
Logical XOR i��ediate Data to ACC
Co��le�ent Data Me�o�y
Co��le�ent Data Me�o�y with �esult in ACC
1
1
1
1Note
1Note
1Note
1
1
1
1Note
1
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Increment & Decrement
INCA [�]
INC [�]
DECA [�]
DEC [�]
Inc�e�ent Data Me�o�y with �esult in ACC
Inc�e�ent Data Me�o�y
Dec�e�ent Data Me�o�y with �esult in ACC
Dec�e�ent Data Me�o�y
1
1Note
1
1Note
Z
Z
Z
Z
Rotate
RRA [�]
RR [�]
RRCA [�]
RRC [�]
RLA [�]
RL [�]
RLCA [�]
RLC [�]
Rotate Data Me�o�y �ight with �esult in ACC
Rotate Data Me�o�y �ight
Rotate Data Me�o�y �ight th�ough Ca��y with �esult in ACC
Rotate Data Me�o�y �ight th�ough Ca��y
Rotate Data Me�o�y left with �esult in ACC
Rotate Data Me�o�y left
Rotate Data Me�o�y left th�ough Ca��y with �esult in ACC
Rotate Data Me�o�y left th�ough Ca��y
1
1Note
1
1Note
1
1Note
1
1Note
None
None
C
C
None
None
C
C
Data Move
MOV A�[�]
MOV [�]�A
MOV A�x
Move Data Me�o�y to ACC
Move ACC to Data Me�o�y
Move i��ediate data to ACC
1
1Note
1
None
None
None
Bit Operation
CLR [�].i
�ET [�].i
Clea� �it of Data Me�o�y
�et �it of Data Me�o�y
1Note
1Note
None
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com