Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 25Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 26Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 27Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 28Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 29Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 30Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 31Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 32Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
29 of 313
NXP Semiconductors
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
4.6.19 USART fractional generator multiplier value register
All USART peripherals share a common clock U_PCLK, which can be adjusted by a
fractional divider:
U_PCLK = UARTCLKDIV/(1 + MULT/DIV).
UARTCLKDIV is the USART clock configured in the UARTCLKDIV register.
The fractional portion (1 + MULT/DIV) is determined by the two USART fractional divider
registers in the SYSCON block:
1. The DIV denominator of the fractional divider value is programmed in the
UARTFRGDIV register. See Table 23.
2. The MULT value programmed in this register is the numerator of the fractional divider
value used by the fractional rate generator to create the fractional component to the
baud rate.
See also:
Section 15.3.1 “Configure the USART clock and baud rate”
Section 15.7.1 “Clocking and Baud rates”
4.6.20 External trace buffer command register
<tbd>
Table 23.
USART fractional generator divider value register (UARTFRGDIV, address 0x4004
80F0) bit description
Bit
Symbol
Description
Reset
value
7:0
DIV
Denominator of the fractional divider. DIV is equal to the programmed
value +1. Always set to 0xFF to use with the fractional baud rate
generator.
0
31:8
-
Reserved
-
Table 24.
USART fractional generator multiplier value register (UARTFRGMULT, address
0x4004 80F4) bit description
Bit
Symbol
Description
Reset
value
7:0
MULT
Numerator of the fractional divider. MULT is equal to the programmed
value.
0
31:8
-
Reserved
-
Table 25.
External trace buffer command register (EXTTRACECMD, address 0x4004 80FC)
bit description
Bit
Symbol
Description
Reset
value
0
START
Trace start command <tbd>
0
1
STOP
Trace stop command <tbd>
0
31:2
-
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com