Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 81Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 82Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 83Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 84Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 85Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 86Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 87Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 88Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
85 of 313
NXP Semiconductors
UM10601
Chapter 8: LPC800 Pin interrupts/pattern match engine
8.5.2.1 Example
Assume the expression: (IN0)~(IN1)(IN3)^ + (IN1)(IN2) + (IN0)~(IN3)~(IN4) is specified
through the registers PMSRC (Table 91) and PMCFG (Table 92). Each term in the
boolean expression, (IN0), ~(IN1), (IN3)^, etc., represents one bit slice of the pattern
match engine.
• In the first term (IN0)~(IN1)(IN3)^, bit slice 0 monitors for a high-level on input (IN0),
bit slice 1 monitors for a low level on input (IN1) and bit slice 2 monitors for a
rising-edge on input (IN3). If this combination is detected, that is if all three terms are
true, the interrupt associated with bit slice 2 will be asserted.
• In the second term (IN1)(IN2), bit slice 3 monitors input (IN1) for a high level, bit slice
4 monitors input (IN2) for a high level. If this combination is detected, the interrupt
associated with bit slice 4 will be asserted.
• In the third term (IN0)~(IN3)~(IN4), bit slice 5 monitors input (IN0) for a high level, bit
slice 6 monitors input (IN3) for a low level, and bit slice 7 monitors input (IN4) for a low
level. If this combination is detected, the interrupt associated with bit slice 7 will be
asserted.
• The ORed result of all three terms asserts the RXEV request to the CPU and the
GPIO_INT_BMAT output. That is, if any of the three terms are true, the output is
asserted.
Related links:
Section 8.7.2
Fig 6.
Pattern match bit slice
08;
,1
3065&
,QWUB5HT L
5LVH 'HWHFW
VWLFN\ ZLWK V\QFK
FOHDU
,1
,1
,1
,1
,1
,1
,1
)DOO 'HWHFW
VWLFN\ ZLWK V\QFK
FOHDU
5LVH 'HWHFW
QRQVWLFN\
)DOO 'HWHFW
QRQVWLFN\
08;
30&)*








)URP 3UHYLRXV
6OLFH
3URGB(QGSWV L
7R 1H[W 6OLFH
&)* L
65& L
30&)*
3DWWHUQB0DWFK L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com