Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC810M021FN8 Datasheet HTML 1Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 2Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 3Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 4Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 5Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 6Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 7Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 8Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
4 of 313
NXP Semiconductors
UM10601
Chapter 1: LPC800 Introductory information
–
CRC engine.
–
Windowed Watchdog timer
• Analog peripherals:
–
Comparator with external voltage reference with pin functions assigned through
the switch matrix.
–
Internal reference voltage.
• Serial interfaces:
–
Three UART interfaces with pin functions assigned through the switch matrix.
–
Two SPI controllers with pin functions assigned through the switch matrix.
–
One I2C-bus interface with open-drain full I2C spec fast Modeplus.
• Clock generation:
–
12 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used
as a system clock.
–
Crystal oscillator with an operating range of 1 MHz to 25 MHz.
–
Programmable watchdog oscillator with a frequency range of 9.4 kHz to 2.3 MHz.
–
PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the external clock input (CLKIN), the
system oscillator, or the internal RC oscillator.
• Power control:
–
Integrated PMU (Power Management Unit) to minimize power consumption.
–
Reduced power modes (Sleep, deep-sleep, power-down, deep power-down).
–
Power-On Reset (POR).
–
Brownout detect.
• Unique device serial number for identification.
• Single power supply.
• Available in a SO20 package, TSSOP20 package, TSSOP16, and DIP8 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com