Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 41Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 42Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 44Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 45Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 46Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 47Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 48Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
45 of 313
NXP Semiconductors
UM10601
Chapter 5: LPC800 Reduced power modes and Power Management
5.6.3 Deep power-down control register
The Deep power-down control register controls the low-power oscillator that can be used
by the self wake-up timer to wake up from Deep power-down mode. In addition, this
register configures the functionality of the WAKEUP pin (pin PIO0_4).
The bits in the register not used for deep power-down control (bits 31:4) can be used for
storing additional data which are retained in Deep power-down mode in the same way as
registers GPREG0 to GPREG3.
Remark:
If there is a possibility that the external voltage applied on pin VDD drops below
2.2 V during Deep power-down, the hysteresis of the WAKEUP input pin has to be
disabled in this register before entering Deep power-down mode in order for the chip to
wake up.
Remark:
Enabling the low-power oscillator in Deep power-down mode increases the
power consumption. Only enable this oscillator if you need the self wake-up timer to wake
up the part from Deep power-down mode. You may need the self wake-up timer to wake
up from Deep power-down mode if the wake-up pin is used for other purposes and the
wake-up function is not available.
Table 45.
Deep power down control register (DPDCTRL, address 0x4002 0014) bit description
Bit
Symbol
Value
Description
Reset
value
0
WAKEUPHYS
WAKEUP pin hysteresis enable
0
0
Disabled. Hysteresis for WAKEUP pin disabled.
1
Enabled. Hysteresis for WAKEUP pin enabled.
1
WAKEPAD_
DISABLE
WAKEUP pin disable. Setting this bit disables the wake-up pin, so it can be
used for other purposes.
Remark:
Never set this bit if you intend to use a pin to wake up the part from
Deep power-down mode. You can only disable the wake-up pin if the self
wake-up timer is enabled and configured.
Remark:
Setting this bit is not necessary if Deep power-down mode is not used.
0
0
Enabled. The wake-up function is enabled on pin PIO0_4.
1
Disabled. Setting this bit disables the wake-up function on pin PIO0_4.
2
LPOSCEN
Enable the low-power oscillator for use with the 10 kHz self wake-up timer
clock. You must set this bit if the CLKSEL bit in the self wake-up timer CTRL bit
is set.
Do not enable the low-power oscillator if the self wake-up timer is clocked by the
divided IRC.
0
0
Disabled.
1
Enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com