Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 9Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 10Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 11Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 12Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 13Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 14Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 15Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 16Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
13 of 313
4.1 How to read this chapter
The system configuration block is identical for all LPC800 parts. USART2 and SPI1 are
only available on parts LPC812M101FDH20 and LPC812M101FDH16 and the corresponding
clocks, reset, and wake-up control bits are reserved for all other parts.
4.2 Features
• Clock control
• Reset control
• Pin interrupt set-up
• Configuration of reduced power modes
• Wake-up control
• BOD configuration
4.3 Basic configuration
Configure the SYSCON block as follows:
• The SYSCON uses the CKIN, CLKOUT, RESET, and XTALIN/OUT pins. Configure
the pin functions through the switch matrix. See Section 4.4.
• No clock configuration is needed. The clock to the SYSCON block is always enabled.
By default, the SYSCON block is clocked by the IRC.
4.3.1 Set up the PLL
The PLL creates a stable output clock at a higher frequency than the input clock. If you
need a main clock with a frequency higher than the 12 MHz IRC clock, use the PLL to
boost the input frequency.
1. Power up the system PLL in the PDRUNCFG register.
Section 4.6.32 “Power configuration register”
2. Select the PLL input in the SYSPLLCLKSEL register. You have the following input
options:
–
IRC: 12 MHz internal oscillator.
–
System oscillator: External crystal oscillator using the XTALIN/XTALOUT pins.
–
External clock input CLKIN. Select this pin through the switch matrix.
Section 4.6.8 “System PLL clock source select register”
3. Update the PLL clock source<tbd> in the SYSPLLCKUEN register.
Section 4.6.9 “System PLL clock source update register”
4. Configure the PLL M and N dividers.
Section 4.6.3 “System PLL control register”
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
Rev. 1.0 — 7 November 2012
Preliminary user manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com