Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 72Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 73Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 74Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 75Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 76Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 77Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 78Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 79Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
76 of 313
7.1 How to read this chapter
All GPIO registers refer to 32 pins per port. Depending on the package type, not all pins
are available, and the corresponding bits in the GPIO registers are reserved (see
Table 67).
7.2 Features
• GPIO port registers are located on the ARM Cortex M0+ I/O port for fast access.
• The ARM Cortex M0+ I/O port supports single-cycle access.
• GPIO ports
–
GPIO pins can be configured as input or output by software.
–
All GPIO pins default to inputs with interrupt disabled at reset.
–
Pin interrupt registers allow pins to be sensed and set individually.
7.3 Basic configuration
For the GPIO port registers, enable the clock to the GPIO port registers in the
SYSAHBCLKCTRL register (Table 18, bit 6).
7.4 Pin description
All GPIO functions are fixed-pin functions. The switch matrix assigns every GPIO port pin
to one and only one pin on the LPC800 package. By default, the switch matrix connects all
package pins except supply and ground pins to their GPIO port pins.
The pin description table (see the LPC81xM data sheet) shows how the GPIO port pins
are assigned to LPC800 package pins.
7.5 General description
The GPIO port registers can be used to configure each GPIO pin as input or output and
read the state of each pin if the pin is configured as input or set the state of each pin if the
pin is configured as output.
UM10601
Chapter 7: LPC800 GPIO port
Rev. 1.0 — 7 November 2012
Preliminary user manual
Table 67.
GPIO pins available
Package
GPIO Port 0
TSSOP16
PIO0_0 to PIO0_13
TSSOP20
PIO0_0 to PIO0_17
SOP20
PIO0_0 to PIO0_17
DIP8
PIO0_0 to PIO0_5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com