Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 29Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 30Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 31Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 32Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 33Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 34Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 35Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 36Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
33 of 313
NXP Semiconductors
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
4.6.28 Start logic 0 pin wake-up enable register
The STARTERP0 register enables the selected pin interrupts for wake-up from
deep-sleep mode and power-down modes.
Remark:
Also enable the corresponding interrupts in the NVIC. See Table 3 “Connection
of interrupt sources to the NVIC”.
Table 32.
Pin interrupt select registers (PINTSEL[0:7], address 0x4004 8178 (PINTSEL0) to
0x4004 8194 (PINTSEL7)) bit description
Bit
Symbol
Description
Reset
value
5:0
INTPIN
Pin number select for pin interrupt or pattern match engine input.
(PIO0_0 to PIO0_17 correspond to numbers 0 to 17).
0
31:6
-
Reserved
-
Table 33.
Start logic 0 pin wake-up enable register 0 (STARTERP0, address 0x4004 8204) bit
description
Bit
Symbol
Value
Description
Reset
value
0
PINT0
GPIO pin interrupt 0 wake-up
0
0
Disabled
1
Enabled
1
PINT1
GPIO pin interrupt 1 wake-up
0
0
Disabled
1
Enabled
2
PINT2
GPIO pin interrupt 2 wake-up
0
0
Disabled
1
Enabled
3
PINT3
GPIO pin interrupt 3 wake-up
0
0
Disabled
1
Enabled
4
PINT4
GPIO pin interrupt 4 wake-up
0
0
Disabled
1
Enabled
5
PINT5
GPIO pin interrupt 5 wake-up
0
0
Disabled
1
Enabled
6
PINT6
GPIO pin interrupt 6 wake-up
0
0
Disabled
1
Enabled
7
PINT7
GPIO pin interrupt 7 wake-up
0
0
Disabled
1
Enabled
31:8
-
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com