Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 28Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 29Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 30Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 31Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 32Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 33Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 34Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 35Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
32 of 313
NXP Semiconductors
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
4.6.26 NMI source selection register
The NMI source selection register selects a peripheral interrupts as source for the NMI
interrupt of the ARM Cortex-M0+ core. For a list of all peripheral interrupts and their IRQ
numbers see <tbd>. For a description of the NMI functionality, see <tbd>.
Note:
If the NMISRC register is used to select an interrupt as the source of Non-Maskable
interrupts, and the selected interrupt is enabled, one interrupt request can result in both a
Non-Maskable and a normal interrupt. This can be avoided by disabling the normal
interrupt in the NVIC, as described in <tbd>.
4.6.27 Pin interrupt select registers
Each of these 8 registers selects one pin from all digital pins as the source of a pin
interrupt or as the input to the pattern match engine. To select a pin for any of the eight pin
interrupts or pattern match engine inputs, write the GPIO port pin number as 0 to 17 for
pins PIO0_0 to PIO0_17 to the INTPIN bits. For example, setting INTPIN to 0x5 in
PINTSEL0 selects pin PIO0_5 for pin interrupt 0.
To determine the GPIO port pin number on a given LPC800 package, see the pin
description table in the data sheet.
Remark:
The GPIO port pin number serves to identify the pin to the PINTSEL register.
Any digital function, including GPIO, can be assigned to this pin through the switch matrix.
Each of the 8 pin interrupts must be enabled in the NVIC using interrupt slots # 24 to 31
(see Table 3).
To use the selected pins for pin interrupts or the pattern match engine, see Section 8.5.2
“Pattern match engine”.
Table 30.
IRQ latency register (IRQLATENCY, address 0x4004 8170) bit description
Bit
Symbol
Description
Reset
value
7:0
LATENCY
8-bit latency value
0x010
31:8
-
Reserved
-
Table 31.
NMI source selection register (NMISRC, address 0x4004 8174) bit description
Bit
Symbol Description
Reset
value
4:0
IRQNO The IRQ number of the interrupt that acts as the Non-Maskable Interrupt
(NMI) if bit 31 is 1. See Table 3 for the list of interrupt sources and their
IRQ numbers.
0
30:5
-
Reserved
-
31
NMIEN
Write a 1 to this bit to enable the Non-Maskable Interrupt (NMI) source
selected by bits 4:0.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com