Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 87Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 88Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 89Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 90Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 91Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 92Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 93Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 94Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
91 of 313
NXP Semiconductors
UM10601
Chapter 8: LPC800 Pin interrupts/pattern match engine
Remark:
Set up the pattern-match configuration in the PMSRC and PMCFG registers
before writing to this register to enable (or re-enable) the pattern-match functionality. This
eliminates the possibility of spurious interrupts as the feature is being enabled.
8.6.12 Pattern Match Interrupt Bit-Slice Source register
The bit-slice source register specifies the input source for each of the eight pattern match
bit slices.
Each of the possible eight inputs is selected in the pin interrupt select registers in the
SYSCON block. See Section 4.6.27. Input 0 corresponds to the pin selected in the
PINTSEL0 register, input 1 corresponds to the pin selected in the PINTSEL1 register, and
so forth.
Remark:
Writing any value to either the PMCFG register or the PMSRC register, or
disabling the pattern-match feature (by clearing both the SEL_PMATCH and ENA_RXEV
bits in the PMCTRL register to zeros) will erase all edge-detect history.
Table 90.
Pattern match interrupt control register (PMCTRL, address 0x4004 C028)
bit description
Bit
Symbol
Value
Description
Reset
value
0
SEL_PMATCH
Specifies whether the 8 pin interrupts are controlled by
the pin interrupt function or by the pattern match
function.
0
0
Pin interrupt. Interrupts are driven in response to the
standard pin interrupt function
1
Pattern match. Interrupts are driven in response to
pattern matches.
1
ENA_RXEV
Enables the RXEV output to the ARM cpu and/or to a
GPIO output when the specified boolean expression
evaluates to true.
0
0
Disabled. RXEV output to the cpu is disabled.
1
Enabled. RXEV output to the cpu is enabled.
23:2
-
Reserved. Do not write 1s to unused bits.
0
31:24 PMAT
-
This field displays the current state of pattern matches.
A 1 in any bit of this field indicates that the
corresponding product term is matched by the current
state of the appropriate inputs.
0x0
Table 91.
Pattern match bit-slice source register (PMSRC, address 0x4004 C02C)
bit description
Bit
Symbol
Value
Description
Reset value
7:0
Reserved
Software should not write 1s to unused bits.
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com